Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4571 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SC4571 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SC4571
Download  2SC4571 Download
File Size   283.03 Kbytes
Page   9 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN RF Transistor

2SC4571 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4571 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SC4571
Download  2SC4571 Click to download

File Size   283.03 Kbytes
Page   9 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN RF Transistor

2SC4571 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SC4571 Product details

DESCRIPTION
• High Current-Gain—Bandwidth Product
   fT = 5.0 GHz TYP. @VCE = 5 V, IC = 5 mA, f = 1.0 GHz
• Low COB
   0.9pF TYP. @VCB = 5 V, IE = 0, f = 1.0 MHz

APPLICATIONS
• Designed for use in UHF oscillator and mixer.




Similar Part No. - 2SC4571

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4571 NEC-2SC4571 Datasheet
67Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
logo
Renesas Technology Corp
2SC4571 RENESAS-2SC4571 Datasheet
268Kb / 9P
NPN SILICON RF TRANSISTOR
2004
logo
NEC
2SC4571-T1 NEC-2SC4571-T1 Datasheet
67Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
logo
Renesas Technology Corp
2SC4571-T1 RENESAS-2SC4571-T1 Datasheet
268Kb / 9P
NPN SILICON RF TRANSISTOR
2004
logo
NEC
2SC4571-T2 NEC-2SC4571-T2 Datasheet
67Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
More results


Similar Description - 2SC4571

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4260 ISC-2SC4260 Datasheet
152Kb / 6P
isc Silicon NPN RF Transistor
2SC4261 ISC-2SC4261 Datasheet
213Kb / 6P
isc Silicon NPN RF Transistor
BFS520 ISC-BFS520 Datasheet
195Kb / 7P
isc Silicon NPN RF Transistor
MMBR911L ISC-MMBR911L Datasheet
179Kb / 5P
isc Silicon NPN RF Transistor
MMBR941L ISC-MMBR941L Datasheet
260Kb / 9P
isc Silicon NPN RF Transistor
MMBR951L ISC-MMBR951L Datasheet
178Kb / 8P
isc Silicon NPN RF Transistor
BFG425W ISC-BFG425W Datasheet
292Kb / 2P
isc Silicon NPN RF Transistor
ISC1862 ISC-ISC1862 Datasheet
302Kb / 2P
isc Silicon NPN RF Transistor
PRF957 ISC-PRF957 Datasheet
306Kb / 2P
isc Silicon NPN RF Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com