Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4571 Datasheet(PDF) 9 Page - Inchange Semiconductor Company Limited

Part # 2SC4571
Description  isc Silicon NPN RF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4571 Datasheet(HTML) 9 Page - Inchange Semiconductor Company Limited

  2SC4571 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 9Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC4571
VCE = 3 V, IC = 1 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.970
_14.8
1.932
163.6
0.042
78.2
0.984
-8.3
200
0.940
_29.4
1.944
149.6
0.079
68.4
0.945
-16.0
300
0.890
_43.9
1.949
137.4
0.109
59.0
0.895
-22.6
400
0.839
_57.5
1.894
127.0
0.132
51.8
0.846
-28.2
500
0.782
_71.0
1.854
117.6
0.149
45.3
0.795
-32.8
600
0.734
_82.5
1.723
108.5
0.161
40.1
0.757
-36.9
700
0.680
_94.1
1.674
100.1
0.168
36.1
0.720
-40.5
800
0.638
_105.2
1.606
92.6
0.174
32.7
0.691
-43.7
900
0.598
_115.4
1.548
85.8
0.177
30.0
0.666
-46.5
1000
0.565
_125.0
1.486
79.4
0.179
28.5
0.646
-49.3
1100
0.541
_133.7
1.422
73.9
0.180
27.2
0.633
-51.8
1200
0.518
_142.1
1.354
68.5
0.179
26.0
0.621
-54.5
1300
0.504
_149.6
1.287
63.6
0.180
25.9
0.610
-56.9
1400
0.494
_156.8
1.235
59.0
0.180
26.0
0.603
-59.3
1500
0.485
_163.5
1.183
54.8
0.179
26.2
0.596
-61.8
1600
0.478
_169.9
1.136
50.8
0.180
27.0
0.590
-64.3
1700
0.476
_175.8
1.098
46.9
0.181
27.5
0.584
-66.9
1800
0.472
178.5
1.054
43.4
0.182
29.1
0.578
-69.6
1900
0.470
173.0
1.019
39.9
0.184
30.4
0.573
-72.3
2000
0.472
167.6
0.987
36.6
0.189
31.9
0.566
-75.6
2100
0.473
162.6
0.952
33.8
0.193
33.5
0.560
-78.9
2200
0.474
158.0
0.922
30.8
0.198
34.5
0.556
-82.5
2300
0.476
153.5
0.897
28.0
0.205
36.1
0.551
-86.1
2400
0.480
149.2
0.866
25.4
0.212
37.3
0.548
-90.2
2500
0.484
144.9
0.846
23.0
0.220
38.3
0.546
-94.5
2600
0.488
141.0
0.823
20.7
0.230
39.3
0.547
-98.9
2700
0.491
137.0
0.801
18.5
0.240
39.9
0.546
-103.1
2800
0.495
133.2
0.781
16.4
0.252
4.02
0.550
-107.3
2900
0.498
129.7
0.763
14.6
0.263
4.04
0.553
-111.3
3000
0.501
125.9
0.745
12.9
0.275
4.05
0.555
-115.2
isc Website:www.iscsemi.cn



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com