Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4571 Datasheet(PDF) 5 Page - Inchange Semiconductor Company Limited

Part # 2SC4571
Description  isc Silicon NPN RF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4571 Datasheet(HTML) 5 Page - Inchange Semiconductor Company Limited

  2SC4571 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 9Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC4571
VCE = 5 V, IC = 3 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.923
-19.2
5.456
157.3
0.034
75.1
0.951
-13.6
200
0.844
-39.4
5.317
142.0
0.060
63.0
0.852
-24.1
300
0.746
-57.9
5.047
128.9
0.078
55.7
0.752
-31.3
400
0.660
-74.5
4.667
118.1
0.091
51.5
0.674
-35.8
500
0.575
-90.3
4.321
108.3
0.101
48.3
0.612
-39.0
600
0.516
-102.7
3.860
100.4
0.108
46.4
0.567
-41.5
700
0.461
-114.8
3.546
93.2
0.115
45.7
0.532
-43.6
800
0.423
-125.2
3.237
87.1
0.122
45.3
0.507
-45.4
900
0.396
-134.9
2.979
81.6
0.128
44.8
0.486
-47.1
1000
0.375
-143.6
2.749
76.6
0.134
45.2
0.471
-48.8
1100
0.362
-151.4
2.547
72.4
0.142
45.3
0.461
-50.5
1200
0.349
-158.8
2.380
68.0
0.147
45.4
0.452
-52.3
1300
0.343
-165.2
2.222
64.2
0.154
45.9
0.445
-54.0
1400
0.339
-171.7
2.101
60.4
0.161
46.1
0.438
-55.6
1500
0.336
-177.6
1.984
57.0
0.169
46.4
0.433
-57.3
1600
0.337
177.0
1.887
53.5
0.177
46.5
0.428
-59.0
1700
0.338
172.0
1.798
50.3
0.184
46.6
0.423
-61.1
1800
0.337
167.1
1.719
47.2
0.193
46.7
0.419
-63.1
1900
0.339
162.7
1.648
44.0
0.201
46.5
0.411
-65.2
2000
0.345
158.0
1.579
41.2
0.211
46.3
0.405
-68.0
2100
0.348
153.8
1.524
38.4
0.219
46.0
0.399
-70.4
2200
0.351
150.0
1.470
35.4
0.229
45.6
0.394
-73.4
2300
0.357
146.1
1.424
32.8
0.238
45.3
0.389
-76.4
2400
0.361
142.5
1.376
30.1
0.247
44.6
0.386
-80.0
2500
0.367
139.2
1.338
27.5
0.257
44.0
0.383
-83.8
2600
0.371
135.8
1.296
25.0
0.266
43.5
0.381
-88.0
2700
0.376
132.6
1.263
22.5
0.275
42.9
0.380
-91.4
2800
0.381
129.3
1.231
20.1
0.287
42.1
0.385
-95.4
2900
0.387
126.4
1.199
17.9
0.297
41.4
0.389
-99.2
3000
0.392
123.4
1.169
15.7
0.306
40.4
0.391
-103.0
isc Website:www.iscsemi.cn



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com