Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4571 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC4571
Description  isc Silicon NPN RF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4571 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC4571 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 9Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC4571
DESCRIPTION
·High Current-Gain—Bandwidth Product
fT= 5.0 GHz TYP. @VCE = 5 V, IC = 5 mA, f = 1.0 GHz
·Low COB
0.9pF TYP. @VCB = 5 V, IE = 0, f = 1.0 MHz
APPLICATIONS
·Designed for use in UHF oscillator and mixer.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
20
V
VCEO
Collector-Emitter Voltage
12
V
VEBO
Emitter-Base Voltage
3.0
V
IC
Collector Current-Continuous
60
mA
PC
Collector Power Dissipation
@TC=25℃
0.12
W
TJ
Junction Temperature
125
Tstg
Storage Temperature Range
-55~125
isc Website:www.iscsemi.cn


Similar Part No. - 2SC4571

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4571 NEC-2SC4571 Datasheet
67Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
logo
Renesas Technology Corp
2SC4571 RENESAS-2SC4571 Datasheet
268Kb / 9P
NPN SILICON RF TRANSISTOR
2004
logo
NEC
2SC4571-T1 NEC-2SC4571-T1 Datasheet
67Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
logo
Renesas Technology Corp
2SC4571-T1 RENESAS-2SC4571-T1 Datasheet
268Kb / 9P
NPN SILICON RF TRANSISTOR
2004
logo
NEC
2SC4571-T2 NEC-2SC4571-T2 Datasheet
67Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
More results

Similar Description - 2SC4571

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4260 ISC-2SC4260 Datasheet
152Kb / 6P
isc Silicon NPN RF Transistor
2SC4261 ISC-2SC4261 Datasheet
213Kb / 6P
isc Silicon NPN RF Transistor
BFS520 ISC-BFS520 Datasheet
195Kb / 7P
isc Silicon NPN RF Transistor
MMBR911L ISC-MMBR911L Datasheet
179Kb / 5P
isc Silicon NPN RF Transistor
MMBR941L ISC-MMBR941L Datasheet
260Kb / 9P
isc Silicon NPN RF Transistor
MMBR951L ISC-MMBR951L Datasheet
178Kb / 8P
isc Silicon NPN RF Transistor
BFG425W ISC-BFG425W Datasheet
292Kb / 2P
isc Silicon NPN RF Transistor
ISC1862 ISC-ISC1862 Datasheet
302Kb / 2P
isc Silicon NPN RF Transistor
PRF957 ISC-PRF957 Datasheet
306Kb / 2P
isc Silicon NPN RF Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com