Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4571 Datasheet(PDF) 6 Page - Inchange Semiconductor Company Limited

Part # 2SC4571
Description  isc Silicon NPN RF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4571 Datasheet(HTML) 6 Page - Inchange Semiconductor Company Limited

  2SC4571 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 7Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 8Page - Inchange Semiconductor Company Limited 2SC4571 Datasheet HTML 9Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC4571
VCE = 5 V, IC = 1 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.977
-14.2
1.896
165.0
0.036
79.9
0.988
-7.4
200
0.944
-28.0
1.948
150.9
0.069
69.5
0.954
-14.2
300
0.897
-41.9
1.954
139.2
0.095
61.1
0.911
-20.1
400
0.848
-54.9
1.907
128.9
0.116
53.7
0.867
-25.2
500
0.793
-68.0
1.878
119.8
0.131
47.9
0.820
-29.5
600
0.744
-79.1
1.745
110.9
0.143
42.2
0.786
-33.4
700
0.689
-90.6
1.697
102.7
0.151
38.6
0.752
-36.6
800
0.646
-101.4
1.630
95.2
0.155
35.1
0.726
-39.6
900
0.605
-111.3
1.579
88.5
0.157
32.9
0.702
-42.3
1000
0.570
-121.0
1.519
82.1
0.161
31.1
0.684
-44.8
1100
0.542
-130.0
1.455
76.5
0.162
30.0
0.669
-47.4
1200
0.516
-138.2
1.393
71.2
0.162
29.1
0.661
-49.9
1300
0.500
-145.7
1.325
66.3
0.161
29.0
0.650
-52.2
1400
0.489
-153.1
1.270
61.8
0.163
29.4
0.643
-54.3
1500
0.478
-160.1
1.213
57.5
0.163
29.3
0.637
-56.7
1600
0.470
-166.6
1.168
53.5
0.163
30.5
0.631
-59.0
1700
0.465
-172.8
1.128
49.5
0.164
31.6
0.624
-61.6
1800
0.461
-178.5
1.086
45.9
0.166
33.5
0.621
-64.0
1900
0.458
175.7
1.047
42.5
0.169
34.4
0.614
-66.7
2000
0.458
170.1
1.012
39.2
0.173
36.3
0.608
-69.6
2100
0.460
165.0
0.980
36.1
0.178
38.0
0.603
-72.6
2200
0.460
160.3
0.946
33.1
0.183
39.5
0.599
-76.0
2300
0.462
155.6
0.922
30.4
0.191
40.9
0.593
-79.3
2400
0.465
151.1
0.889
27.7
0.198
42.3
0.591
-83.1
2500
0.469
146.7
0.867
25.3
0.206
43.0
0.588
-87.2
2600
0.472
142.5
0.843
22.8
0.216
44.2
0.588
-91.3
2700
0.476
138.7
0.820
20.5
0.227
44.8
0.586
-95.3
2800
0.479
134.7
0.799
18.5
0.239
45.2
0.589
-99.4
2900
0.482
130.9
0.779
16.5
0.251
45.2
0.591
-103.3
3000
0.487
127.2
0.761
14.8
0.263
45.4
0.593
-107.1
isc Website:www.iscsemi.cn
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com