Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CSG896B Datasheet(PDF) 83 Page - Actel Corporation

Part # AX2000-1CSG896B
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896B Datasheet(HTML) 83 Page - Actel Corporation

Back Button AX2000-1CSG896B Datasheet HTML 79Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 80Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 81Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 82Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 83Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 84Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 85Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 86Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 87Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 226 page
background image
Axcelerator Family FPGAs
v2.7
2-69
Sample Implementations
Frequency Synthesis
Figure 2-53 illustrates an example where the PLL is used
to multiply a 155.5 MHz external clock up to 622 MHz.
Note that the same PLL schematic could use an external
350 MHz clock, which is divided down to 155 MHz by the
FPGA internal logic.
Figure 2-54 illustrates the PLL using both dividers to
synthesize a 133 MHz output clock from a 155 MHz input
reference clock. The input frequency of 155 MHz is
multiplied by 6 and divided by 7, giving a CLK1 output
frequency of 132.86 MHz. When dividers are used, a
given ratio can be generated in multiple ways, allowing
the user to stay within the operating frequency ranges of
the PLL.
Figure 2-53 • Using the PLL 155.5 MHz In, 622 MHz Out
Figure 2-54 • Using the PLL 155 MHz In, 133 MHz Out
Delay Line
PLL
Delay Line
RefCLK
FB
/i
6
/j
6
CLK1
PowerDown
Lock
CLK2
FBMuxSel
5
DividerI
DelayLine
DividerJ
LowFreq
3
Osc
÷4
155.5 MHz
622 MHz
/i Delay
Match
/j Delay
Match
5
Delay Line
PLL
Delay Line
RefCLK
FB
/i
6
/j
6
CLK1
PowerDown
Lock
CLK2
FBMuxSel
DividerI
DelayLine
DividerJ
LowFreq
3
Osc
÷6
155 MHz
132.8 MHz
155 MHz
155 MHz
930 MHz
/7
Yes
/i Delay
Match
/j Delay
Match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com