Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CSG896B Datasheet(PDF) 19 Page - Actel Corporation

Part # AX2000-1CSG896B
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896B Datasheet(HTML) 19 Page - Actel Corporation

Back Button AX2000-1CSG896B Datasheet HTML 15Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 16Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 17Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 18Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 19Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 20Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 21Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 22Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 23Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 226 page
background image
Axcelerator Family FPGAs
v2.7
2-5
Power Estimation Example
This example employs an AX1000 shift-register design with 1,080 R-cells, one C-cell, one reset input, and one LVTTL
12mA Output, with High Slew.
This design uses one HCLK at 100 MHz.
ms
=
1,080 (in a shift register - 100% of R-cells are toggling at each clock cycle)
Fs
=
100 MHz
s
=
1080
=> PHCLK = (P1 + P2 * s + P3 * sqrt[s]) * Fs = 79 mW
and Fs = 100 MHz
=> PR-cells = P7 * ms * Fs = 173 mW
mc =
1 (1 C-cell in this shift-register)
and Fs = 100 MHz
=> PC-cells = P8 * mc * Fs = 0.14 mW
Fpi ~ 0 MHz
and pi= 1 (1 reset input => this is why Fpi=0)
=>
Pinputs = P9 * pi * Fpi = 0 mW
Fpo = 50 MHz
and po = 1
=> Poutputs = PI/O * po * Fpo= 27.10 mW
No RAM/FIFO in this shift-register
=>
Pmemory = 0 mW
No PLL in this shift-register
=> PPLL = 0 mW
Pac = PHCLK + PCLK + PR-cells + PC-cells + Pinputs + Poutputs + Pmemory + PPLL = 276 mW
Pdc = 7.5mA * 1.5V = 11.25 mW
Ptotal = Pdc + Pac = 11.25 mW + 276mW = 290.30 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com