Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CSG896B Datasheet(PDF) 28 Page - Actel Corporation

Part # AX2000-1CSG896B
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896B Datasheet(HTML) 28 Page - Actel Corporation

Back Button AX2000-1CSG896B Datasheet HTML 24Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 25Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 26Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 27Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 28Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 29Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 30Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 31Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 32Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 226 page
background image
Axcelerator Family FPGAs
2- 14
v2.7
I/O Clusters
Each I/O cluster incorporates two I/O modules, four RX
modules and two TX modules, and a buffer module. In
turn, each I/O module contains one Input Register
(InReg), one Output Register (OutReg), and one Enable
Register (EnReg) (Figure 2-5).
Using an I/O Register
To access the I/O registers, registers must be instantiated
in the netlist and then connected to the I/Os. Usage of
each I/O register (register combining) is individually
controlled and can be selected/deselected using the
PinEditor tool in Actel's Designer software. I/O register
combining can also be controlled at the device level,
affecting all I/Os. Please note, the I/O register option is
deselected by default in any given design.4
In addition, Designer software provides a global option to
enable/disable the usage of registers in the I/Os. This option
is design-specific. The setting for each individual I/O
overrides this global option. Furthermore, the global set
fuse option in the Designer software, when checked, causes
all I/O registers to output logic High at device power-up.
Using the Weak Pull-Up and Pull-Down
Circuits
Each Axcelerator I/O comes with a weak pull-up/down
circuit (on the order of 10 k
Ω). I/O macros are provided
for combinations of pull up/down for LVTTL, LVCMOS
(2.5V, 1.8V, and 1.5V) standards. These macros can be
instantiated if a keeper circuit for any input buffer is
required.
Customizing the I/O
•
A five-bit programmable input delay element is
associated with each I/O. The value of this delay is
set on a bank-wide basis (Table 2-14 on page 2-15).
It is optional for each input buffer within the bank
(i.e. the user can enable or disable the delay
element for the I/O). When the input buffer drives a
register within the I/O, the delay element is
Figure 2-5 • I/O Cluster Interface
EnReg
DIN YOUT
Y
DCIN
OutREg
DIN YOUT
InReg
I/O CLUSTER
OEP
UOP
UIP
programmable delay
slew rate
I/O
OEN
UON
UIN
drive strength
P PAD
N PAD
routed input track
routed input track
output track
routed input track
routed input track
output track
routed input track
routed input track
output track
EnReg
DIN YOUT
Y
DCIN
OutREg
DIN YOUT
InReg
routed input track
routed input track
output track
programmable delay
slew rate
I/O
drive strength
VREF
VREF
4. Please note that register combining for multi fanout nets is not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com