Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CSG896B Datasheet(PDF) 97 Page - Actel Corporation

Part # AX2000-1CSG896B
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896B Datasheet(HTML) 97 Page - Actel Corporation

Back Button AX2000-1CSG896B Datasheet HTML 93Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 94Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 95Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 96Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 97Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 98Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 99Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 100Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 101Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 226 page
background image
Axcelerator Family FPGAs
v2.7
2-83
The active-high CLR pin is used to reset the FIFO to the
empty state, which sets FULL and AFULL low, and EMPTY
and AEMPTY high.
Assuming that the EMPTY flag is not set, new data is
read from the FIFO when REN is valid on the active edge
of the clock. Write and read transfers are described with
timing requirements in "Timing Characteristics" on
page 2-85.
Glitch Elimination
An analog filter is added to each FIFO controller to
guarantee glitch-free FIFO-flag logic.
Overflow and Underflow Control
The counter MSB keeps track of the difference between
the read address (RA) and the write address (WA). The
EMPTY flag is set when the read and write addresses are
equal. To prevent underflow, the write address is double-
sampled by the read clock prior to comparison with the
read address (part A in Figure 2-64). To prevent overflow,
the read address is double-sampled by the write clock
prior to comparison to the write address (part B in
Figure 2-64).
FIFO Configurations
Unlike the RAM, the FIFO's write width and read width
cannot be specified independently. For the FIFO, the
write and read widths must be the same. The WIDTH pins
are used to specify one of six allowable word widths, as
shown in Table 2-95.
The DEPTH pins allow RAM cells to be cascaded to create
larger FIFOs. The four pins allow depths of 2, 4, 8, and 16
to be specified. Table 2-85 on page 2-72 describes the
FIFO depth options for various data width and memory
blocks.
Interface
Figure 2-65
shows
a
logic
block
diagram
of
the
Axcelerator FIFO module.
Cascading FIFO Blocks
FIFO blocks can be cascaded to create deeper FIFO
functions. When building larger FIFO blocks, if the word
width can be fractured in a multi-bit FIFO, the fractured
word configuration is recommended over a cascaded
configuration. For example, 256x36 can be configured as
two blocks of 256x18. This should be taken into account
when building the FIFO blocks manually. However, when
using SmartGen, the user only needs to specify the depth
and width of the necessary FIFO blocks. SmartGen
automatically
configures
these
blocks
to
optimize
performance.
Clock
As with RAM configuration, the RCLK and WCLK pins
have independent polarity selection
Figure 2-64 • Overflow and Underflow Control
AB
=
EMPTY
WA
RA
RCLK
=
FULL
RA
WA
WCLK
Table 2-95 • FIFO Width Configurations
WIDTH(2:0)
W x D
000
1 x 4k
001
2 x 2k
010
4 x 1k
011
9 x 512
100
18 x 256
101
36 x 128
11x
reserved
Figure 2-65 • FIFO Block Diagram
DEPTH [3:0]
RD [35:0]
FULL
EMPTY
AFULL
AEMPTY
WIDTH [2:0]
FWEN
FREN
PIPE
RCLK
WD [35:0]
AEVAL [7:0]
AFVAL [7:0]
WCLK
CLR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com