Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CSG896B Datasheet(PDF) 86 Page - Actel Corporation

Part # AX2000-1CSG896B
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896B Datasheet(HTML) 86 Page - Actel Corporation

Back Button AX2000-1CSG896B Datasheet HTML 82Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 83Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 84Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 85Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 86Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 87Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 88Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 89Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 90Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 226 page
background image
Axcelerator Family FPGAs
2- 72
v2.7
Embedded Memory
The AX architecture provides extensive, high-speed
memory resources to the user. Each 4,608 bit block of
RAM contains its own embedded FIFO controller,
allowing the user to configure each block as either RAM
or FIFO.
To meet the needs of high performance designs, the
memory blocks operate in synchronous mode for both
read and write operations. However, the read and write
clocks are completely independent, and each may
operate up to and above 500 MHz.
No additional core logic resources are required to
cascade the address and data buses when cascading
different RAM blocks. Dedicated routing runs along each
column of RAM to facilitate cascading.
The AX memory block includes dedicated FIFO control
logic to generate internal addresses and external flag
logic (FULL, EMPTY, AFULL, AEMPTY). Since read and
write operations can occur asynchronously to one
another, special control circuitry is included to prevent
metastability, overflow, and underflow. A block diagram
of the memory module is illustrated in Figure 2-57.
During RAM operation, read (RA) and write (WA)
addresses are sourced by user logic and the FIFO
controller is ignored. In FIFO mode, the internal
addresses are generated by the FIFO controller and
routed to the RAM array by internal MUXes. Enables
with programmable polarity are provided to create
upper address bits for cascading up to 16 memory blocks.
When cascading memory blocks, the bussed signals WA,
WD, WEN, RA, RD, and REN are internally linked to
eliminate external routing congestion.
RAM
Each memory block consists of 4,608 bits that can be
organized as 128x36, 256x18, 512x9, 1kx4, 2kx2, or 4kx1
and are cascadable to create larger memory sizes. This
allows built-in bus width conversion (Table 2-85). Each
block has independent read and write ports which
enable simultaneous read and write operations.
Figure 2-57 • Axcelerator Memory Module
RA [K:0]
RD [(N-1):0]
REN
RCLK
WD [(M-1):0]
WA [J:0]
WEN
WCLK
PIPE
RW [2:0]
WW [2:0]
Table 2-85 • Memory Block WxD Options
Data-word (in bits)
Depth
Address Bus
Data Bus
1
4,096
RA/WA[11:0]
RD/WD[0]
2
2,048
RA/WA[10:0]
RD/WD[1:0]
4
1,024
RA/WA[9:0]
RD/WD[3:0]
9
512
RA/WA[8:0]
RD/WD[8:0]
18
256
RA/WA[7:0]
RD/WD[17:0]
36
128
RA/WA[6:0]
RD/WD[35:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com