Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CSG896B Datasheet(PDF) 44 Page - Actel Corporation

Part # AX2000-1CSG896B
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896B Datasheet(HTML) 44 Page - Actel Corporation

Back Button AX2000-1CSG896B Datasheet HTML 40Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 41Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 42Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 43Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 44Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 45Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 46Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 47Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 48Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 226 page
background image
Axcelerator Family FPGAs
2- 30
v2.7
3.3V PCI, 3.3V PCI-X
Peripheral Component Interface for 3.3V standard specifies support for both 33 MHz and 66 MHz PCI bus applications.
It uses an LVTTL input buffer and a push-pull output buffer. The input and output buffers are 5V tolerant with the aid
of external components. Axcelerator 3.3V PCI and 3.3V PCI-X buffers are compliant with the PCI Local Bus Specification
Rev. 2.1.
The PCI Compliance Specification requires the clamp diodes to be able to withstand for 11 ns, -3.5V in undershoot, and
7.1V in overshoot.
AC Loadings
Table 2-32 • DC Input and Output Levels
VIL
VIH
VOL
VOH
IOL
IOH
Min,V
Max,V
Min,V
Max,V
Max,V
Min,V
mA
mA
PCI
-0.5
0.3VCCI
0.5VCCI
VCCI+0.5
(per PCI specification)
PCI-X
-0.5
0.35VCCI
0.5VCCI
VCCI+0.5
(per PCI specification)
Figure 2-18 • AC Test Loads
Table 2-33 • AC Waveforms, Measuring Points, and Capacitive Loads
Input Low (V)
Input High (V)
Measuring Point* (V)
VREF (typ) (V)
Cload (pF)
(Per PCI Spec and PCI-X Spec)
N/A
10
* Measuring Point = Vtrip
R to V
for tpl
R to GND for tph
CCI
10pF
GND
Test point for data
R=25
35 pF for tpzl/tpzh
5 pF for tphz/tplz
R to VCCI for tplz/tpzl
R to GND for tphz/tpzh
Test Point
for tristate
R=1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com