Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CSG896B Datasheet(PDF) 58 Page - Actel Corporation

Part # AX2000-1CSG896B
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896B Datasheet(HTML) 58 Page - Actel Corporation

Back Button AX2000-1CSG896B Datasheet HTML 54Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 55Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 56Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 57Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 58Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 59Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 60Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 61Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 62Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 226 page
background image
Axcelerator Family FPGAs
2- 44
v2.7
Timing Model and Waveforms
Timing Characteristics
Figure 2-28 • C-Cell Timing Model and Waveforms
Y, FCO
Y, FCO
GND
VCCA
50%
50%
50%
50%
GND
GND
50%
50%
A, B, D, FCI
tPD, tPDC
VCCA
VCCA
tPD, tPDC
tPD, tPDC
tPD, tPDC
Table 2-61 • C-Cell
Worst-Case Commercial Conditions VCCA = 1.425V, VCCI = 3.0V, TJ = 70°C
'–2' Speed
'–1' Speed
'Std' Speed
Units
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
C-Cell Propagation Delays
tPD
Any input to output Y
0.74
0.84
0.99
ns
tPDC
Any input to carry chain output (FCO)
0.57
0.64
0.76
ns
tPDB
Any input through DB when one input is used
0.95
1.09
1.28
ns
tCCY
Input to carry chain (FCI) to Y
0.61
0.69
0.82
ns
tCC
Input to carry chain (FCI) to carry chain output (FCO)
0.08
0.09
0.11
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com