Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CSG896B Datasheet(PDF) 53 Page - Actel Corporation

Part # AX2000-1CSG896B
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896B Datasheet(HTML) 53 Page - Actel Corporation

Back Button AX2000-1CSG896B Datasheet HTML 49Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 50Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 51Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 52Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 53Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 54Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 55Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 56Page - Actel Corporation AX2000-1CSG896B Datasheet HTML 57Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 226 page
background image
Axcelerator Family FPGAs
v2.7
2-39
Differential Standards
Physical Implementation
Implementing differential I/O standards requires the
configuration of a pair of external I/O pads, resulting in a
single internal signal. To facilitate construction of the
differential pair, a single I/O Cluster contains the
resources for a pair of I/Os. Configuration of the I/O
Cluster as a differential pair is handled by Actel's
Designer
software
when
the
user
instantiates
a
differential I/O macro in the design.
Differential I/Os can also be used in conjunction with the
embedded Input Register (InReg), Output Register
(OutReg), Enable Register (EnReg), and Double Data
Rate
(DDR).
However,
there
is
no
support
for
bidirectional I/Os or tristates with these standards.
LVDS
Low-Voltage Differential Signal (ANSI/TIA/EIA-644) is a
high-speed, differential I/O standard. It requires that one
data bit is carried through two signal lines, so two pins
are needed. It also requires an external resistor
termination. The voltage swing between these two
signal lines is approximately 350 mV.
The LVDS circuit consists of a differential driver
connected to a terminated receiver through a constant-
impedance transmission line. The receiver is a wide-
common-mode-range
differential
amplifier.
The
common-mode range is from 0.2V to 2.2V for a
differential input with 400 mV swing.
To implement the driver for the LVDS circuit, drivers from
two adjacent I/O cells are used to generate the
differential signals (note that the driver is not a current-
mode driver). This driver provides a nominal constant
current of 3.5 mA. When this current flows through a
100
Ω termination resistor on the receiver side, a voltage
swing of 350 mV is developed across the resistor. The
direction of the current flow is controlled by the data fed
to the driver.
An external-resistor network (three resistors) is needed
to reduce the voltage swing to about 350 mV. Therefore,
four external resistors are required, three for the driver
and one for the receiver.
Figure 2-25 • LVDS Board-Level Implementation
140
Ω
100
Ω
ZO=50
Ω
ZO=50
Ω
165
Ω
165
Ω
+
–
P
N
P
N
INBUF_LVDS
OUTBUF_LVDS
FPGA
FPGA
Table 2-55 • DC Input and Output Levels
DC Parameter
Description
Min.
Typ.
Max.
Units
VCCI
1
Supply Voltage
2.375
2.5
2.625
V
VOH
Output High Voltage
1.25
1.425
1.6
V
VOL
Output Low Voltage
0.9
1.075
1.25
V
VODIFF
Differential Output Voltage
250
350
450
mV
VOCM
Output Common Mode Voltage
1.125
1.25
1.375
V
VICM
2
Input Common Mode Voltage
0.2
1.25
2.2
V
1. +/- 5%
2. Differential input voltage =+/-350mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com