Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CS896B Datasheet(PDF) 84 Page - Actel Corporation

Part # AX2000-1CS896B
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896B Datasheet(HTML) 84 Page - Actel Corporation

Back Button AX2000-1CS896B Datasheet HTML 80Page - Actel Corporation AX2000-1CS896B Datasheet HTML 81Page - Actel Corporation AX2000-1CS896B Datasheet HTML 82Page - Actel Corporation AX2000-1CS896B Datasheet HTML 83Page - Actel Corporation AX2000-1CS896B Datasheet HTML 84Page - Actel Corporation AX2000-1CS896B Datasheet HTML 85Page - Actel Corporation AX2000-1CS896B Datasheet HTML 86Page - Actel Corporation AX2000-1CS896B Datasheet HTML 87Page - Actel Corporation AX2000-1CS896B Datasheet HTML 88Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 226 page
background image
Axcelerator Family FPGAs
2- 70
v2.7
Adjustable Clock Delay
Figure 2-55 illustrates using the PLL to delay the reference clock by employing one of the adjustable delay lines. In this
case, the output clock is delayed relative to the reference clock. Delaying the reference clock relative to the output
clock is accomplished by using the delay line in the feedback path.
Figure 2-55 • Using the PLL Delaying the Reference Clock
Delay Line
Delay Line
PLL
RefCLK
FB
6
/j
6
CLK1
PowerDown
Lock
CLK2
FBMuxSel
5
DividerI
DelayLine
DividerJ
LowFreq
3
Osc
÷1
133 MHz
133 MHz
/j
/i Delay
Match
/j Delay
Match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com