Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CS896B Datasheet(PDF) 16 Page - Actel Corporation

Part # AX2000-1CS896B
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896B Datasheet(HTML) 16 Page - Actel Corporation

Back Button AX2000-1CS896B Datasheet HTML 12Page - Actel Corporation AX2000-1CS896B Datasheet HTML 13Page - Actel Corporation AX2000-1CS896B Datasheet HTML 14Page - Actel Corporation AX2000-1CS896B Datasheet HTML 15Page - Actel Corporation AX2000-1CS896B Datasheet HTML 16Page - Actel Corporation AX2000-1CS896B Datasheet HTML 17Page - Actel Corporation AX2000-1CS896B Datasheet HTML 18Page - Actel Corporation AX2000-1CS896B Datasheet HTML 19Page - Actel Corporation AX2000-1CS896B Datasheet HTML 20Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 226 page
background image
Axcelerator Family FPGAs
2- 2
v2.7
Calculating Power Dissipation
Table 2-3 • Standby Current
Device
Temperature
ICCA
ICCDA
ICCBANK
ICCPLL
ICCCP
Units
Standby
Current
(Core)
Standby
Current,
Differential
I/O
Standby Current per
I/O Bank
Standby
Current
per PLL
Standby Current,
Charge Pump
2.5V VCCI
3.3V VCCI
Active
Bypassed
Mode
AX125
Typical at 25°C
1.5
1.5
0.2
0.3
0.2
0.3
0.01
mA
70°C
15
6
0.5
0.75
1
0.4
0.01
mA
85°C
25
6
0.6
0.8
1
0.4
0.2
mA
125°C
50
8
1
1.5
2
0.4
0.5
mA
AX250
Typical at 25°C
1.5
1.4
0.25
0.4
0.2
0.3
0.01
mA
70°C
30
7
0.8
0.9
1
0.4
0.01
mA
85°C
40
7
0.8
1
1
0.4
0.2
mA
125°C
70
9
1.3
1.8
2
0.4
0.5
mA
AX500
Typical at 25°C
5
1.4
0.4
0.75
0.2
0.3
0.01
mA
70°C
60
7
1
1.5
1
0.4
0.01
mA
85°C
80
7
1
1.9
1
0.4
0.2
mA
125°C
180
9
1.75
2.5
1.5
0.4
0.5
mA
AX1000
Typical at 25°C
7.5
1.5
0.5
1.25
0.2
0.3
0.01
mA
70°C
80
8
1.5
3
1
0.4
0.01
mA
85°C
120
8
1.5
3.4
1
0.4
0.2
mA
125°C
200
10
3
4
1.5
0.4
0.5
mA
AX2000
Typical at 25°C
20
1.6
0.7
1.5
0.2
0.3
0.01
mA
70°C
160
10
2
7
1
0.4
0.01
mA
85°C
200
10
3
8
1
0.4
0.2
mA
125°C
500
15
4
10
1.5
0.4
0.5
mA
Note: ICCCP Active is the ICCDA or the Internal Charge Pump current. ICCCP Bypassed mode is the External Charge Pump current IIH (VPUMP
pin).
Table 2-4 •
Default CLOAD/VCCI
CLOAD (pF)
VCCI (V)
PLOAD (μw/MHz)
P10 (μw/MHz)
PI/O (μW/MHz)*
Single-Ended without VREF
LVTTL 24mA High Slew
35
3.3
381.2
262.6
643.7
LVTTL 16mA High Slew
35
3.3
381.2
220.1
601.3
LVTTL 12mA High Slew
35
3.3
381.2
160.9
542.1
LVTTL 8mA High Slew
35
3.3
381.2
125.4
506.5
LVTTL 24mA Low Slew
35
3.3
381.2
164.2
545.4
LVTTL 16mA Low Slew
35
3.3
381.2
145.9
527.0
LVTTL 12mA Low Slew
35
3.3
381.2
133.6
514.8
LVTTL 8mA Low Slew
35
3.3
381.2
113.8
494.9
LVCMOS – 25
35
2.5
218.8
143.2
361.9
LVCMOS – 18
35
1.8
113.4
68.7
182.1
Note: *PI/O = P10 + CLOAD *VCCI
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com