Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CS896B Datasheet(PDF) 31 Page - Actel Corporation

Part # AX2000-1CS896B
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896B Datasheet(HTML) 31 Page - Actel Corporation

Back Button AX2000-1CS896B Datasheet HTML 27Page - Actel Corporation AX2000-1CS896B Datasheet HTML 28Page - Actel Corporation AX2000-1CS896B Datasheet HTML 29Page - Actel Corporation AX2000-1CS896B Datasheet HTML 30Page - Actel Corporation AX2000-1CS896B Datasheet HTML 31Page - Actel Corporation AX2000-1CS896B Datasheet HTML 32Page - Actel Corporation AX2000-1CS896B Datasheet HTML 33Page - Actel Corporation AX2000-1CS896B Datasheet HTML 34Page - Actel Corporation AX2000-1CS896B Datasheet HTML 35Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 226 page
background image
Axcelerator Family FPGAs
v2.7
2-17
Table 2-16 • I/O Macros for Differential I/O Standards
Standard
VCCI
Macro Names
LVPECL
3.3V
CLKBUF_LVPECL, HCLKBUF_LVPECL,
INBUF_LVPECL, OUTBUF_LVPECL,
LVDS
2.5V
CLKBUF_LVDS, HCLKBUF_LVDS,
INBUF_LVDS, OUTBUF_LVDS,
Table 2-17 • I/O Macros for Voltage-Referenced I/O Standards
Standard
VCCI
VREF
Macro Names
GTL+
3.3V
1.0V
CLKBUF_GTP33, HCLKBUF_GTP33, INBUF_GTP33, OUTBUF_GTP33, TRIBUF_GTP33,
BIBUF_GTP33
GTL+
2.5V
1.0V
CLKBUF_GTP25, HCLKBUF_GTP25, INBUF_GTP25, OUTBUF_GTP25, TRIBUF_GTP25,
BIBUF_GTP25
SSTL2 Class I
2.5V
1.25V
CLKBUF_SSTL2_I,
HCLKBUF_SSTL2_I,
INBUF_SSTL2_I,
OUTBUF_SSTL2_I,
TRIBUF_SSTL2_I, BIBUF_SSTL2_I
SSTL2 Class II
2.5V
1.25V
CLKBUF_SSTL2_II,
HCLKBUF_SSTL2_II,
INBUF_SSTL2_II,
OUTBUF_SSTL2_II,
TRIBUF_SSTL2_II, BIBUF_SSTL2_II
SSTL3 Class I
3.3V
1.5V
CLKBUF_SSTL3_I,
HCLKBUF_SSTL3_I,
INBUF_SSTL3_I,
OUTBUF_SSTL3_I,
TRIBUF_SSTL3_I, BIBUF_SSTL3_I
SSTL3 Class II
3.3V
1.5V
CLKBUF_SSTL3_II,
HCLKBUF_SSTL3_II,
INBUF_SSTL3_II,
OUTBUF_SSTL3_II,
TRIBUF_SSTL3_II, BIBUF_SSTL3_II
HSTL Class I
1.5V
0.75V
CLKBUF_HSTL_I, HCLKBUF_HSTL_I, INBUF_HSTL_I, OUTBUF_HSTL_I, TRIBUF_HSTL_I,
BIBUF_HSTL_I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com