Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CS896B Datasheet(PDF) 15 Page - Actel Corporation

Part # AX2000-1CS896B
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896B Datasheet(HTML) 15 Page - Actel Corporation

Back Button AX2000-1CS896B Datasheet HTML 11Page - Actel Corporation AX2000-1CS896B Datasheet HTML 12Page - Actel Corporation AX2000-1CS896B Datasheet HTML 13Page - Actel Corporation AX2000-1CS896B Datasheet HTML 14Page - Actel Corporation AX2000-1CS896B Datasheet HTML 15Page - Actel Corporation AX2000-1CS896B Datasheet HTML 16Page - Actel Corporation AX2000-1CS896B Datasheet HTML 17Page - Actel Corporation AX2000-1CS896B Datasheet HTML 18Page - Actel Corporation AX2000-1CS896B Datasheet HTML 19Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 226 page
background image
Axcelerator Family FPGAs
v2.7
2-1
Detailed Specifications
Operating Conditions
Table 2-1 lists the absolute maximum ratings of Axcelerator devices. Stresses beyond the ratings may cause permanent
damage to the device. Exposure to Absolute Maximum rated conditions for extended periods may affect device
reliability. Devices should not be operated outside the recommendations in Table 2-2.
Power-Up/Down Sequence
All Axcelerator I/Os are tristated during power-up until normal device operating conditions are reached, when I/Os
enter user mode. VCCDA should be powered up before (or coincidentally with) VCCA and VCCI to ensure the behavior of
user I/Os at system start-up. Conversely, VCCDA should be powered down after (or coincidentally with) VCCA and VCCI.
Note that VCCI and VCCA can be powered up in any sequence with respect to each other, provided the requirement
with respect to VCCDA is satisfied.
Table 2-1 • Absolute Maximum Ratings
Symbol
Parameter
Limits
Units
VCCA
DC Core Supply Voltage
–0.3 to 1.6
V
VCCI
DC I/O Supply Voltage
–0.3 to 3.75
V
VREF
DC I/O Reference Voltage
–0.3 to 3.75
V
VI
Input Voltage
–0.5 to 3.75
V
VO
Output Voltage
–0.5 to 3.75
V
TSTG
Storage Temperature
–60 to +150
°C
VCCDA*
Supply Voltage for Differential I/Os
–0.3 to 3.75
V
Note: * Should be the maximum of all VCCI.
Table 2-2 •
Recommended Operating Conditions
Parameter Range
Commercial
Industrial
Military
Units
Ambient Temperature (TA)
1
0 to +70
–40 to +85
–55 to +125
°C
1.5V Core Supply Voltage
1.425 to 1.575
1.425 to 1.575
1.425 to 1.575
V
1.5V I/O Supply Voltage
1.425 to 1.575
1.425 to 1.575
1.425 to 1.575
V
1.8V I/O Supply Voltage
1.71 to 1.89
1.71 to 1.89
1.71 to 1.89
V
2.5V I/O Supply Voltage
2.375 to 2.625
2.375 to 2.625
2.375 to 2.625
V
3.3V I/O Supply Voltage
3.0 to 3.6
3.0 to 3.6
3.0 to 3.6
V
VCCDA Supply Voltage
3.0 to 3.6
3.0 to 3.6
3.0 to 3.6
V
VPUMP Supply Voltage
3.0 to 3.6
3.0 to 3.6
3.0 to 3.6
V
Notes:
1. Ambient temperature (TA) is used for commercial and industrial grades; case temperature (TC) is used for military grades.
2. TJ max = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com