Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CS896B Datasheet(PDF) 12 Page - Actel Corporation

Part # AX2000-1CS896B
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896B Datasheet(HTML) 12 Page - Actel Corporation

Back Button AX2000-1CS896B Datasheet HTML 8Page - Actel Corporation AX2000-1CS896B Datasheet HTML 9Page - Actel Corporation AX2000-1CS896B Datasheet HTML 10Page - Actel Corporation AX2000-1CS896B Datasheet HTML 11Page - Actel Corporation AX2000-1CS896B Datasheet HTML 12Page - Actel Corporation AX2000-1CS896B Datasheet HTML 13Page - Actel Corporation AX2000-1CS896B Datasheet HTML 14Page - Actel Corporation AX2000-1CS896B Datasheet HTML 15Page - Actel Corporation AX2000-1CS896B Datasheet HTML 16Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 226 page
background image
Axcelerator Family FPGAs
1- 6
v2.7
operating with input frequencies ranging from 14 MHz
to 200 MHz and can generate output frequencies
between 20 MHz and 1 GHz. The clock can be either
divided or multiplied by factors ranging from 1 to 64.
Additionally, multiply and divide settings can be used in
any combination as long as the resulting clock frequency
is between 20 MHz and 1 GHz. Adjacent PLLs can be
cascaded to create complex frequency combinations.
The PLL can be used to introduce either a positive or a
negative clock delay of up to 3.75 ns in 250 ps
increments. The reference clock required to drive the PLL
can be derived from three sources: external input pad
(either single-ended or differential), internal logic, or the
output of an adjacent PLL.
Low Power (LP) Mode
The AX architecture was created for high-performance
designs but also includes a low power mode (activated via
the LP pin). When the low power mode is activated, I/O
banks can be disabled (inputs disabled, outputs tristated),
and PLLs can be placed in a power-down mode. All
internal register states are maintained in this mode.
Furthermore, individual I/O banks can be configured to
opt out of the LP mode, thereby giving the designer access
to critical signals while the rest of the chip is in low power
mode.
The power can be further reduced by providing an
external voltage source (VPUMP) to the device to bypass
the internal charge pump (See "Low Power Mode" on
page 2-89 for more information).
Design Environment
The Axcelerator family of FPGAs is fully supported by both
Actel's Libero™ Integrated Design Environment and
Designer FPGA Development software. Actel Libero IDE is
an integrated design manager that seamlessly integrates
design tools while guiding the user through the design
flow, managing all design and log files, and passing
necessary design data among tools. Additionally, Libero
IDE allows users to integrate both schematic and HDL
synthesis into a single flow and verify the entire design in
a single environment (see the Libero IDE Flow diagram
located on Actel’s website). Libero IDE includes Synplify®
Actel Edition (AE) from Synplicity®, ViewDraw® AE from
Mentor Graphics®, ModelSim® HDL Simulator from
Mentor
Graphics,
WaveFormer
Lite™
AE
from
SynaptiCAD®, and Designer software from Actel.
Actel's Designer software is a place-and-route tool and
provides a comprehensive suite of backend support tools
for FPGA development. The Designer software includes
the following:
•
Timer – a world-class integrated static timing analyzer
and constraints editor which support timing-driven
place-and-route
•
NetlistViewer – a design netlist schematic viewer
•
ChipPlanner – a graphical floorplanner viewer and editor
•
SmartPower – allows the designer to quickly estimate
the power consumption of a design
•
PinEditor – a graphical application for editing pin
assignments and I/O attributes
•
I/O Attribute Editor – displays all assigned and
unassigned I/O macros and their attributes in a
spreadsheet format
Figure 1-8 • AX Routing Structures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com