Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CS896B Datasheet(PDF) 87 Page - Actel Corporation

Part # AX2000-1CS896B
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896B Datasheet(HTML) 87 Page - Actel Corporation

Back Button AX2000-1CS896B Datasheet HTML 83Page - Actel Corporation AX2000-1CS896B Datasheet HTML 84Page - Actel Corporation AX2000-1CS896B Datasheet HTML 85Page - Actel Corporation AX2000-1CS896B Datasheet HTML 86Page - Actel Corporation AX2000-1CS896B Datasheet HTML 87Page - Actel Corporation AX2000-1CS896B Datasheet HTML 88Page - Actel Corporation AX2000-1CS896B Datasheet HTML 89Page - Actel Corporation AX2000-1CS896B Datasheet HTML 90Page - Actel Corporation AX2000-1CS896B Datasheet HTML 91Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 226 page
background image
Axcelerator Family FPGAs
v2.7
2-73
Clocks
The RCLK and the WCLK have independent source
polarity selection and can be sourced by any global or
local signal.
RAM Configurations
The AX architecture allows the read side and write side
of RAMs to be organized independently, allowing for
bus conversion. For example, the write side can be set to
256x18 and the read side to 512x9.
Both the write width and read width for the RAM blocks
can be specified independently and changed dynamically
with the WW (write width) and RW (read width) pins.
The D x W different configurations are: 128 x 36,
256 x 18, 512 x 9, 1k x 4, 2k x 2, and 4k x 1. The allowable
RW and WW values are shown in Table 2-87.
When widths of one, two, and four are selected, the
ninth bit is unused. For example, when writing nine-bit
values and reading four-bit values, only the first four bits
and the second four bits of each nine-bit value are
addressable for read operations. The ninth bit is not
accessible. Conversely, when writing four-bit values and
reading nine-bit values, the ninth bit of a read operation
will be undefined.
Note that the RAM blocks employ little-endian byte
order for read and write operations.
Table 2-86 • RAM Signal Description
Signal
Direction
Description
WCLK
Input
Write clock (can be active on either edge).
WA[J:0]
Input
Write address bus.The value J is dependent on the RAM configuration and the number of cascaded
memory blocks. The valid range for J is from 6 to15.
WD[M-1:0]
Input
Write data bus. The value M is dependent on the RAM configuration and can be 1, 2, 4, 9, 18, or
36.
RCLK
Input
Read clock (can be active on either edge).
RA[K:0]
Input
Read address bus. The value K is dependent on the RAM configuration and the number of cascaded
memory blocks. The valid range for K is from 6 to 15.
RD[N-1:0]
Output
Read data bus. The value N is dependent on the RAM configuration and can be 1, 2, 4, 9, 18, or 36.
REN
Input
Read enable. When this signal is valid on the active edge of the clock, data at location RA will be
driven onto RD.
WEN
Input
Write enable. When this signal is valid on the active edge of the clock, WD data will be written at
location WA.
RW[2:0]
Input
Width of the read operation dataword.
WW[2:0]
Input
Width of the write operation dataword.
Pipe
Input
Sets the pipe option to be on or off.
Table 2-87 • Allowable RW and WW Values
RW(2:0)
WW(2:0)
D x W
000
000
4k x 1
001
001
2k x 2
010
010
1k x 4
011
011
512 x 9
100
100
256 x 18
101
101
128 x 36
11x
11x
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com