Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CS896B Datasheet(PDF) 26 Page - Actel Corporation

Part # AX2000-1CS896B
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896B Datasheet(HTML) 26 Page - Actel Corporation

Back Button AX2000-1CS896B Datasheet HTML 22Page - Actel Corporation AX2000-1CS896B Datasheet HTML 23Page - Actel Corporation AX2000-1CS896B Datasheet HTML 24Page - Actel Corporation AX2000-1CS896B Datasheet HTML 25Page - Actel Corporation AX2000-1CS896B Datasheet HTML 26Page - Actel Corporation AX2000-1CS896B Datasheet HTML 27Page - Actel Corporation AX2000-1CS896B Datasheet HTML 28Page - Actel Corporation AX2000-1CS896B Datasheet HTML 29Page - Actel Corporation AX2000-1CS896B Datasheet HTML 30Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 226 page
background image
Axcelerator Family FPGAs
2- 12
v2.7
5V Tolerance
There are two schemes to achieve 5V tolerance:
1. 3.3V PCI and 3.3V PCI-X are the only I/O standards
that directly allow 5V tolerance. To implement this,
an internal clamp diode between the input pad and
the VCCI pad is enabled so that the voltage at the
input pin is clamped as shown in EQ 2-3:
Vinput = VCCI + Vdiode = 3.3V + 0.8V = 4.1V
EQ 2-3
An external series resister (~100
Ω) is required between
the input pin and the 5V signal source to limit the
current (Figure 2-3).
2. 5V tolerance can also be achieved with 3.3V I/O
standards (3.3V PCI, 3.3V PCI-X, and LVTTL) using a
bus-switch product (e.g. IDTQS32X2384). This will
convert the 5V signal to a 3.3V signal with minimum
delay (Figure 2-4).
Simultaneous Switching Outputs (SSO)
When multiple output drivers switch simultaneously,
they induce a voltage drop in the chip/package power
distribution. This simultaneous switching momentarily
raises the ground voltage within the device relative to
the system ground. This apparent shift in the ground
potential to a non-zero value is known as simultaneous
switching noise (SSN) or more commonly, ground
bounce.
SSN becomes more of an issue in high pin count
packages and when using high performance devices such
as the Axcelerator family. Based upon testing, Actel
recommends that users not exceed eight simultaneous
switching outputs (SSO) per each VCCI/GND pair. To ease
this potential burden on designers, Actel has designed all
of the Axcelerator BGAs3 to not exceed this limit with
the exception of the CS180, which has an I/O to VCCI/GND
pair ratio of nine to one.
Please refer to the Simultaneous Switching Noise and
Signal Integrity application note for more information.
I/O Banks and Compatibility
Since each I/O bank has its own user-assigned input
reference voltage (VREF) and an input/output supply
voltage (VCCI), only I/Os with compatible standards can
be assigned to the same bank.
Table 2-11 shows the compatible I/O standards for a
common
VREF
(for
voltage-referenced
standards).
Similarly, Table 2-12 shows compatible standards for a
common VCCI.
Table 2-13
on page 2-13
summarizes
the
different
combinations of voltages and I/O standards that can be
used together in the same I/O bank. Note that two I/O
standards are compatible if:
•
Their VCCI values are identical.
•
Their VREF standards are identical (if applicable).
Figure 2-3 • Use of an External Resistor for 5V Tolerance
Figure 2-4 • Bus Switch IDTQS32X2384
Non-Actel Part
Actel FPGA
5V
3.3V
3.3V
PCI
clamp
diode
Rext
5V
3.3V
3.3V
20X
5V
3. The user should note that in Bank 8 of both AX1000-FG484 and AX500-FG484, there are local violations of this 8:1 ratio.
Table 2-11 • Compatible I/O Standards for Different VREF
Values
VREF
Compatible Standards
1.5V
SSTL 3 (Class I and II)
1.25V
SSTL 2 (Class I and II)
1.0V
GTL+ (2.5V and 3.3V Outputs)
0.75V
HSTL (Class I)
Table 2-12 • Compatible I/O Standards for Different VCCI
Values
VCCI
1
Compatible Standards
VREF
3.3V
LVTTL, PCI, PCI-X, LVPECL, GTL+ 3.3V
1.0
3.3V
SSTL 3 (Class I and II), LVTTL, PCI, LVPECL
1.5
2.5V
LVCMOS 2.5V, GTL+ 2.5V, LVDS2
1.0
2.5V
LVCMOS 2.5V, SSTL 2 (Classes I and II), LVDS2
1.25
1.8V
LVCMOS 1.8V
N/A
1.5V
LVCMOS 1.5V, HSTL Class I
0.75
Notes:
1. VCCI is used for both inputs and outputs
2. VCCI tolerance is ±5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com