Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CS896B Datasheet(PDF) 22 Page - Actel Corporation

Part # AX2000-1CS896B
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896B Datasheet(HTML) 22 Page - Actel Corporation

Back Button AX2000-1CS896B Datasheet HTML 18Page - Actel Corporation AX2000-1CS896B Datasheet HTML 19Page - Actel Corporation AX2000-1CS896B Datasheet HTML 20Page - Actel Corporation AX2000-1CS896B Datasheet HTML 21Page - Actel Corporation AX2000-1CS896B Datasheet HTML 22Page - Actel Corporation AX2000-1CS896B Datasheet HTML 23Page - Actel Corporation AX2000-1CS896B Datasheet HTML 24Page - Actel Corporation AX2000-1CS896B Datasheet HTML 25Page - Actel Corporation AX2000-1CS896B Datasheet HTML 26Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 226 page
background image
Axcelerator Family FPGAs
2- 8
v2.7
Timing Model
Hardwired Clock – Using LVTTL 24mA High
Slew Clock I/O
Routed Clock – Using LVTTL 24mA High Slew
Clock I/O
Note: Worst case timing data for the AX1000, –2 speed grade
Figure 2-1 • Worst Case Timing Data
Combinatorial
Cell
Combinatorial
Cell
Combinatorial
Cell
Combinatorial
Cell
DQ
DQ
DQ
Y
FCO
+
+
Routed Clock
Register Cell
LVPECL
LVPECL
LVDS
Register Cell
Hardwired or
Routed Clock
Hardwired Clock
I/O Module
I/O Module
(Registered)
I/O Module
(Nonregistered)
I/O Module
(Non- registered)
I/O Module
(Nonregistered)
Y
Buffer
Module
Buffer
Module
Buffer
Module
Carry Chain
I/O
I/O
LVTTL
Output Drive
Strength = 4 (24mA)
High Slew Rate
t
HCKH = 3.03 ns
F
MAX (external) = 350 MHz
F
MAX (internal) = 870 MHz
t
SUD = 0.23 ns
t
ICKLQ = 0.67 ns
t
DP = 1.70 ns
t
RD2 = 0.53 ns
t
DP = 1.84 ns
t
HCKL = 3.02 ns
t
RCKL = 3.08 ns
t
RCO = 0.67 ns
t
SUD = 0.23 ns
t
RD1 = 0.45 ns
t
PD = 0.74 ns
t
RCKL = 3.08 ns
F
MAX (external) = 350 MHz
F
MAX (internal) = 870 MHz
t
RCO = 0.67 ns
t
SUD = 0.23 ns
t
BPFD = 0.12 ns
t
PY = 1.01 ns
GTL + 3.3V
t
OCLKY = 0.67 ns
t
SUD = 0.23 ns
t
BFPD = 0.12 ns
t
PD = 0.74 ns
t
BFPD = 0.12 ns
t
PDC = 0.57 ns
t
CCY = 0.61 ns
t
PY = 3.03 ns
t
PY = 2.28 ns
t
RD1 = 0.45 ns
t
RD2 = 0.53 ns
t
RD3 = 0.56 ns
External Setup
= (tDP + tRD2 + tSUD) – tHCKL
= (1.72 + 0.53 + 0.23) – 3.02 = –0.54 ns
Clock-to-Out (Pad-to-Pad)
= tHCKL + tRCO + tRD1 + tPYs
= 3.02 + 0.67 + 0.45 + 3.03 = 7.17 ns
External Setup
= (tDP + tRD2 + tSUD) – tRCKH
= (1.72 + 0.53 + 0.23) – 3.13 = –0.65 ns
Clock-to-Out (Pad-to-Pad)
= tRCKH + tRCO + tRD1 + tPY
= 3.13 + 0.67 + 0.45 + 3.03 = 7.28 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com