Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CS896B Datasheet(PDF) 101 Page - Actel Corporation

Part # AX2000-1CS896B
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896B Datasheet(HTML) 101 Page - Actel Corporation

Back Button AX2000-1CS896B Datasheet HTML 97Page - Actel Corporation AX2000-1CS896B Datasheet HTML 98Page - Actel Corporation AX2000-1CS896B Datasheet HTML 99Page - Actel Corporation AX2000-1CS896B Datasheet HTML 100Page - Actel Corporation AX2000-1CS896B Datasheet HTML 101Page - Actel Corporation AX2000-1CS896B Datasheet HTML 102Page - Actel Corporation AX2000-1CS896B Datasheet HTML 103Page - Actel Corporation AX2000-1CS896B Datasheet HTML 104Page - Actel Corporation AX2000-1CS896B Datasheet HTML 105Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 226 page
background image
Axcelerator Family FPGAs
v2.7
2-87
Table 2-98 • Two FIFO Blocks Cascaded
Worst-Case Commercial Conditions VCCA = 1.425V, VCCI = 3.0V, TJ = 70°C
'–2' Speed
'–1' Speed
'Std' Speed
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Units
FIFO Module Timing
tWSU
Write Setup
1.39
1.59
1.86
ns
tWHD
Write Hold
0.22
0.25
0.3
ns
tWCKH
WCLK High
0.98
1.11
1.31
ns
tWCKL
WCLK Low
2.29
2.61
3.07
ns
tWCKP
Minimum WCLK Period
4.58
5.22
6.14
ns
tRSU
Read Setup
1.7
1.94
2.28
ns
tRHD
Read Hold
0
0
0
ns
tRCKH
RCLK High
0.95
1.08
1.27
ns
tRCKL
RCLK Low
2.46
2.8
3.29
ns
tRCKP
Minimum RCLK period
4.92
5.6
6.58
ns
tCLRHF
Clear High
1.08
1.23
1.45
ns
tCLR2FF
Clear-to-flag (EMPTY/FULL)
2.02
2.3
2.7
ns
tCLR2AF
Clear-to-flag (AEMPTY/AFULL)
4.62
5.26
6.19
ns
tCK2FF
Clock-to-flag (EMPTY/FULL)
2.24
2.55
3
ns
tCK2AF
Clock-to-flag (AEMPTY/AFULL)
5.31
6.05
7.11
ns
tRCK2RD1
RCLK-To-OUT (Pipelined)
1.51
1.72
2.02
ns
tRCK2RD2
RCLK-To-OUT (Nonpipelined)
2.76
3.14
3.69
ns
Table 2-99 • Four FIFO Blocks Cascaded
Worst-Case Commercial Conditions VCCA = 1.425V, VCCI = 3.0V, TJ = 70°C
'–2' Speed
'–1' Speed
'Std' Speed
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Units
FIFO Module Timing
tWSU
Write Setup
2.37
2.7
3.17
ns
tWHD
Write Hold
0.22
0.25
0.3
ns
tWCKH
WCLK High
0.98
1.11
1.31
ns
tWCKL
WCLK Low
3.27
3.72
4.37
ns
tWCKP
Minimum WCLK Period
6.54
7.44
8.74
ns
tRSU
Read Setup
3.08
3.51
4.13
ns
tRHD
Read Hold
0
0
0
ns
tRCKH
RCLK High
0.95
1.08
1.27
ns
tRCKL
RCLK Low
3.85
4.39
5.16
ns
tRCKP
Minimum RCLK period
7.7
8.78
10.32
ns
tCLRHF
Clear High
1.08
1.23
1.45
ns
tCLR2FF
Clear-to-flag (EMPTY/FULL)
2.02
2.3
2.7
ns
tCLR2AF
Clear-to-flag (AEMPTY/AFULL)
4.62
5.26
6.19
ns
tCK2FF
Clock-to-flag (EMPTY/FULL)
2.24
2.55
3
ns
tCK2AF
Clock-to-flag (AEMPTY/AFULL)
5.31
6.05
7.11
ns
tRCK2RD1
RCLK-To-OUT (Pipelined)
2.49
2.83
3.33
ns
tRCK2RD2
RCLK-To-OUT (Nonpipelined)
3.36
3.82
4.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com