Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1642AIGN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1642AIGN
Description  Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1642AIGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1642AIGN Datasheet HTML 3Page - Linear Technology LTC1642AIGN Datasheet HTML 4Page - Linear Technology LTC1642AIGN Datasheet HTML 5Page - Linear Technology LTC1642AIGN Datasheet HTML 6Page - Linear Technology LTC1642AIGN Datasheet HTML 7Page - Linear Technology LTC1642AIGN Datasheet HTML 8Page - Linear Technology LTC1642AIGN Datasheet HTML 9Page - Linear Technology LTC1642AIGN Datasheet HTML 10Page - Linear Technology LTC1642AIGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC1642A
1642af
OV (Pin 9): Overvoltage Input. When the voltage on OV
exceeds its trip point the GATE pin is pulled low immedi-
ately and the CRWBR timer starts. If OV remains above its
trip point (minus 3mV of hysteresis) long enough for
CRWBR to reach its trip point, then the part turns off until
reset by pulsing the ON pin low. Otherwise, the GATE pin
begins ramping up one RST TMR timing cycle after OV
goes below its trip point. Ground the OV pin to disable
overvoltage protection.
COMPOUT (Pin 10): Uncommitted Comparator’s Open
Drain Output.
COMP + (Pin 11): Uncommitted Comparator’s Noninvert-
ing Input.
COMP – (Pin 12): Uncommitted Comparator’s Inverting
Input.
REF (Pin 13): Reference Voltage Output. The 1.22V
±1%
reference should be bypassed with a 0.1
µF compensation
capacitor. For VCC = 5V it can source 1mA.
GATE (Pin 14): Gate Drive for the External N-Channel
MOSFET. An internal charge pump provides at least 4.5V
of gate drive and sources 25
µA. The pin requires an
external series RC network to ground to compensate the
current limit loop and to limit the ramp rate. A resistor of
100
Ω is also recommended in series with the MOSFET
gate to suppress high frequency oscillations. GATE is
PI FU CTIO S
immediately pulled to ground when the overvoltage com-
parator trips or the input supply is below the undervoltage
lockout trip point. During current limit the GATE voltage is
adjusted to maintain constant load current until the circuit
breaker timer trips. At that point GATE is pulled to ground
until the chip is reset. Clamp the GATE pin with a zener
diode to ground if the supply is 8V or higher. For the 8V to
12V range use an 18V zener (1N4705), and for supplies
exceeding 12V use a 20V zener (TOSHIBA 02DZ20Y).
SENSE (Pin 15): Current Sense Input. To use the current
limit place a sense resistor in the supply path between VCC
and SENSE. When the drop across the resistor exceeds a
threshold voltage, the GATE pin is adjusted to maintain a
constant load current and the circuit breaker timer is
started. A foldback feature reduces the current limit as the
voltage at FB approaches ground. Short SENSE to VCC to
disable the current limiting.
VCC (Pin 16): Positive Supply Voltage. An internal under-
voltage lockout circuit holds the GATE pin at ground until
VCC exceeds 2.73V. If VCC exceeds 16.5V an internal shunt
regulator protects the chip from VCC and SENSE pin
voltages up to 33V. In this case the GATE pin voltage will
usually be low but this is not guaranteed; use the OV pin
to ensure that the pass device is off. The VCC pin also
provides a high side connection to the SENSE resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com