Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1642AIGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1642AIGN
Description  Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1642AIGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1642AIGN Datasheet HTML 2Page - Linear Technology LTC1642AIGN Datasheet HTML 3Page - Linear Technology LTC1642AIGN Datasheet HTML 4Page - Linear Technology LTC1642AIGN Datasheet HTML 5Page - Linear Technology LTC1642AIGN Datasheet HTML 6Page - Linear Technology LTC1642AIGN Datasheet HTML 7Page - Linear Technology LTC1642AIGN Datasheet HTML 8Page - Linear Technology LTC1642AIGN Datasheet HTML 9Page - Linear Technology LTC1642AIGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1642A
1642af
PI FU CTIO S
CRWBR (Pin 1): Overvoltage Crowbar Circuit Timer and
Trigger. This pin controls an external overvoltage crowbar
circuit. A capacitor from the pin to ground sets a 9ms/
µF
delay after an overvoltage occurs until an external SCR is
triggered. See Applications Information. Ground the
CRWBR pin if unused.
BRK TMR (Pin 2): Circuit Breaker Timer. Connect a
capacitor from BRK TMR to ground to set a 60ms/
µF delay
from the time the sense resistor current reaches its limit
until the FET is shut off. FAULT output is then asserted and
the FET remains off until the chip is reset. Ground BRK
TMR to allow the part to remain in current limit indefinitely.
RST TMR (Pin 3): Analog System/Reset Timer. A capaci-
tor from this pin to ground sets a 0.6s/
µF delay from the
ON pin going high to the start of the GATE pin’s ramp. It
also sets the delay from output voltage good, as sensed by
the FB pin, to RESET going high.
ON (Pin 4): ON Control Input. When ON is low the GATE
pin is grounded and FAULT goes high. The GATE pin
voltage starts ramping up one RST TMR timing cycle after
ON goes high. Pulsing the ON pin low for at least 2
µsresets
the chip if it latches off after a sustained overvoltage or
current limit. The threshold for a low to high transition is
1.34V with 110mV of hysteresis. A 21V zener clamp limits
the voltage at this pin. The pin can be safely tied to VCC >
21V through a series resistor that limits the current below
1mA.
RESET (Pin 5): Open Drain Reset Output. RESET is pulled
low if the voltage at the FB pin is below its trip point. RESET
goes high one RESET timing cycle after the FB voltage
exceeds its trip point plus 3mV of hysteresis. RESET has
a weak pull-up to one diode drop below VCC and an external
resistor can pull the pin above VCC. A 21V zener clamp
limits the voltage at this pin. The pin can be safely tied to
VCC > 21V through a series resistor that limits the current
below 1mA.
FAULT (Pin 6): Open Drain Fault Output. FAULT is pulled
low when the part turns off following a sustained overvolt-
age or current limit. It goes high 2
µs after the ON pin goes
low. FAULT has a weak pull-up to one diode drop below
VCC and an external resistor can pull the pin above VCC. A
21V zener clamp limits the voltage at this pin. The pin can
be safely tied to VCC > 21V through a series resistor that
limits the current below 1mA.
FB (Pin 7): Output Voltage Monitor and Foldback Input.
The FB comparator can be used with an external resistive
divider to monitor the output supply voltage. When the FB
voltage is lower than 1.22V the RESET pin is pulled low.
RESET goes high one system timing cycle after the voltage
at FB exceeds its threshold by 3mV of hysteresis. A low
pass filter at the comparator’s output prevents negative
voltage glitches from triggering a false reset.
GND (Pin 8): Chip Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com