Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1642AIGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1642AIGN
Description  Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1642AIGN Datasheet(HTML) 1 Page - Linear Technology

  LTC1642AIGN Datasheet HTML 1Page - Linear Technology LTC1642AIGN Datasheet HTML 2Page - Linear Technology LTC1642AIGN Datasheet HTML 3Page - Linear Technology LTC1642AIGN Datasheet HTML 4Page - Linear Technology LTC1642AIGN Datasheet HTML 5Page - Linear Technology LTC1642AIGN Datasheet HTML 6Page - Linear Technology LTC1642AIGN Datasheet HTML 7Page - Linear Technology LTC1642AIGN Datasheet HTML 8Page - Linear Technology LTC1642AIGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1642A
1642af
Hot Swap Controller
■ Adjustable Undervoltage and Overvoltage
Protection
■ Foldback Current Limit
■ Adjustable Current Limit Time-Out
■
VCC: 2.97V to 16.5V Normal Operation, Protected
Against Surges to 33V
■ Single Channel NFET Driver
■
Latch Off or Automatic Retry on Current Fault
■ Driver for SCR Crowbar on Overvoltage
■ Adjustable Reset Timer
■
Reference Output with Uncommitted Comparator
■ 16-Pin SSOP Package
■ Hot Board Insertion
■ Electronic Circuit Breaker
■ InfiniBand
TM Systems
1N4705
18V
12V
BACKPLANE
(SHORT PIN)
PLUG-IN CARD
VCC
SENSE
GATE
GND BRK TMR
LTC1642A
RST TMR
ON
FAULT
OV
RESET
FB
CRWBR
COMP+
COMP–
0.33
µF
0.33
µF
2N2222
MCR
12DC
REF
0.1
µF
2.87k
1%
110k
1%
100
Ω
5%
107k
1%
13k
1%
FDS6630A
0.01
µF
0.047
µF
CLOAD
12V
AT 2.5A
330
Ω
5%
0.010
Ω
5%
11.3k
1%
POWER-GOOD = 11.4V
1642a TA01
+
COMPOUT
GND
UV = 10.8V
OV = 13.2V
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
The LTC
®1642A is a 16-pin Hot SwapTM controller that
allows a board to be safely inserted and removed from a
live backplane. Using an external N-Channel pass transis-
tor, the board supply voltage can be ramped up at an
adjustable rate. A high side switch driver controls the
N-Channel gate for supply voltages ranging from 2.97V
to 16.5V.
The SENSE pin allows foldback limiting of the load current,
with circuit breaker action after an adjustable delay time.
The delay allows the part to power-up in current limit. The
CRWBR output can be used to trigger an SCR for crowbar
protection of the load if the input supply exceeds an
adjustable threshold. The RESET output can generate a
system reset with adjustable delay when the supply volt-
age falls below an adjustable threshold. The ON pin cycles
the board power. The LTC1642A is available in the 16-pin
SSOP package.
DESCRIPTIO
, LTC and LT are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners. Hot Swap is a trademark of Linear
Technology Corporation.


Similar Part No. - LTC1642AIGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642A LINER-LTC1642A Datasheet
310Kb / 34P
??8V Hot Swap Controllers
LTC1642A LINER-LTC1642A Datasheet
237Kb / 16P
Hot Swap Controller
LTC1642A LINER-LTC1642A_15 Datasheet
237Kb / 16P
Hot Swap Controller
More results

Similar Description - LTC1642AIGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
Hot Swap Controller
LTC1422 LINER-LTC1422 Datasheet
273Kb / 16P
Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
Hot Swap Controller
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
Hot Swap??Controller
logo
Linear Technology
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
Hot Swap Controller
LTC4211 LINER-LTC4211_12 Datasheet
322Kb / 40P
Hot Swap Controller
LTC1422 LINER-LTC1422_15 Datasheet
203Kb / 16P
Hot Swap Controller
LTC1642A LINER-LTC1642A_15 Datasheet
237Kb / 16P
Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com