Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1642AIGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1642AIGN
Description  Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1642AIGN Datasheet(HTML) 4 Page - Linear Technology

  LTC1642AIGN Datasheet HTML 1Page - Linear Technology LTC1642AIGN Datasheet HTML 2Page - Linear Technology LTC1642AIGN Datasheet HTML 3Page - Linear Technology LTC1642AIGN Datasheet HTML 4Page - Linear Technology LTC1642AIGN Datasheet HTML 5Page - Linear Technology LTC1642AIGN Datasheet HTML 6Page - Linear Technology LTC1642AIGN Datasheet HTML 7Page - Linear Technology LTC1642AIGN Datasheet HTML 8Page - Linear Technology LTC1642AIGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1642A
1642af
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1642a G06
1.226
1.224
1.222
1.220
1.218
1.216
1.214
VCC = 5V
FB FALLING
FB RISING
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1642a G07
1.226
1.224
1.222
1.220
1.218
1.216
1.214
VCC = 5V
OV FALLING
OV RISING
OV Threshold Voltage vs
Temperature
FB Threshold Voltage vs
Temperature
VCC (V)
3
6
9
12
15
1642a G35
2.0
1.6
1.2
0.8
0.4
0
TA = 25°C
CRWBR Driver Current vs VCC
VCC (V)
3
6
9
12
15
1642a G27
1.232
1.228
1.224
1.220
1.216
1.212
1.208
FB RISING
FB FALLING
TA = 25°C
FB Threshold Voltage vs VCC
OV Threshold Voltage vs VCC
VCC (V)
3
6
9
12
15
1642a G28
1.232
1.228
1.224
1.220
1.216
1.212
1.208
OV RISING
OV FALLING
TA = 25°C
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1642a G13
1.45
1.44
1.43
1.42
1.41
1.40
1.39
1.38
VCC = 5V
CRWBR Driver Current vs
Temperature
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1642a G05
405
404
403
402
401
400
399
398
397
396
395
VCC = 5V
CRWBR-TMR Threshold Voltage
vs Temperature
VCC (V)
3
6
9
12
15
1642a G23
25
20
15
10
5
0
VGATE = 0V
TA = 25°C
IGATE Pull-Up Current vs VCC
VGATE (V)
04
8
12
16
20
24
1642a G36
128
112
96
80
64
48
32
16
0
VCC = 12V
TA = 25°C
VCC = 3.3V
VCC = 5V
GATE Pull-Down Current (Current
Limit Active)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com