Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1642AIGN Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1642AIGN
Description  Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1642AIGN Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1642AIGN Datasheet HTML 8Page - Linear Technology LTC1642AIGN Datasheet HTML 9Page - Linear Technology LTC1642AIGN Datasheet HTML 10Page - Linear Technology LTC1642AIGN Datasheet HTML 11Page - Linear Technology LTC1642AIGN Datasheet HTML 12Page - Linear Technology LTC1642AIGN Datasheet HTML 13Page - Linear Technology LTC1642AIGN Datasheet HTML 14Page - Linear Technology LTC1642AIGN Datasheet HTML 15Page - Linear Technology LTC1642AIGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
LTC1642A
1642af
Uncommitted Comparator
The uncommitted comparator has an open drain output.
The comparator has 3mV of hysteresis: the output goes
high when the differential input voltage exceeds 1.5mV
and goes low when the differential input is less than
–1.5mV.
The comparator’s input transistors are MOSFETs so the
input bias and offset currents are very small: typically
picoamps at 25
°C, increasing to nanoamps at 90°C. If the
auxilliary comparator is unused, the COMP+, COMP– and
COMPOUT pins may be left floating.
APPLICATIO S I FOR ATIO
R6
SENSE
RESISTOR, R2
TO SHORT
VCC PIN
R2
1642a F15
R5
LT1642A
ILOAD
ILOAD
Figure 15. Recommended Layout for R1, R2 and R5
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Layout Considerations
One ounce copper exhibits a sheet resistance of 530
µΩ
per square. To minimize self-heating, traces should be
at least 0.02" wide per ampere of current and 0.03" is
recommended.
In high current applications, the voltage drop along traces
can be appreciable. Connect the LTC1642A’s VCC and
SENSE pins
directly across sense resistor R2 to prevent
the power trace’s resistance from adding to R2. It is also
a good practice to keep the resistor divider to the ON pin
close to the chip and the divider’s connections to the VCC
and GND pins short. Figure 15 shows an example layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com