Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1642AIGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1642AIGN
Description  Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1642AIGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1642AIGN Datasheet HTML 7Page - Linear Technology LTC1642AIGN Datasheet HTML 8Page - Linear Technology LTC1642AIGN Datasheet HTML 9Page - Linear Technology LTC1642AIGN Datasheet HTML 10Page - Linear Technology LTC1642AIGN Datasheet HTML 11Page - Linear Technology LTC1642AIGN Datasheet HTML 12Page - Linear Technology LTC1642AIGN Datasheet HTML 13Page - Linear Technology LTC1642AIGN Datasheet HTML 14Page - Linear Technology LTC1642AIGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC1642A
1642af
APPLICATIO S I FOR ATIO
Automatic Restart After the Circuit Breaker Opens
The LTC1642A will automatically attempt to restart itself
after the circuit breaker opens if the FAULT output is tied
to the ON pin. The circuit is shown in Figure 5. Diode D1
blocks the weak FAULT pull-up current source from unbal-
ancing the R6-R5 divider.
During a continuous current limit such as a load short,
Q1’s duty cycle is equal to the circuit breaker timer period,
divided by the sum of the circuit breaker and system timer
periods:
Short - Circuit Duty Cycle
=
+
C
CC
4
410
1
•
The duty cycle is 9% for the Figure 5 circuit. Waveforms
during a load short are shown in Figure 6.
Undervoltage Lockout
An internal undervoltage lockout circuit holds the charge
pump off until VCC exceeds 2.73V. If VCC falls below 2.5V,
it turns off the charge pump and clears overvoltage and
current limit faults.
For higher lockout thresholds tie the ON pin to a resistor
divider driven from VCC, as shown in Figure 7. This
circuit keeps the charge pump off until VCC exceeds
(1+R6/R5) • 1.34V, and also turns it off if VCC falls below
(1+R6/R5) • 1.22V.
D1
1N4148
D2
1N4705
18V
GATE
ON
14
SENSE
15
4
FAULT
6
BRK TMR
2
VCC
16
R2
0.015
Ω
Q1
FDS6630A
GND
LTC1642A
8
RST TMR
3
R5
60.4k
1%
R6
464k
1%
R10
30k
1642a F05
R3
100
Ω
R4
330
Ω
C2
0.047
µF
+
C1
0.33
µF
C4
0.33
µF
ALL RESISTORS
±5% UNLESS NOTED
VIN
12V
2.5A
VOUT
CLOAD
Figure 5. Automatic Restart Circuit
Figure 6. Automatic Retry Following a Load Short
VGATE
20V/DIV
VOUT
10V/DIV
VBRKTMR
1V/DIV
VRSTTMR
1V/DIV
40ms/DIV
1642a F06
D1
1N4705
18V
GATE
14
SENSE
15
ON
4
VCC
16
R2
0.015
Ω
Q1
FDS6630A
GND
LTC1642A
8
RST TMR
3
R6
464k
1%
R5
60.4k
1%
VIN
12V
2.5A
1642a F07
R3
100
Ω
R4
330
Ω
C2
0.047
µF
+
C1
0.33
µF
ALL RESISTORS
±5% UNLESS NOTED
VOUT
UNDERVOLTAGE
LOCKOUT
THRESHOLD = 10.7V
CLOAD
Figure 7. Setting a Higher Undervoltage Lockout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com