Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1642AIGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1642AIGN
Description  Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1642AIGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1642AIGN Datasheet HTML 8Page - Linear Technology LTC1642AIGN Datasheet HTML 9Page - Linear Technology LTC1642AIGN Datasheet HTML 10Page - Linear Technology LTC1642AIGN Datasheet HTML 11Page - Linear Technology LTC1642AIGN Datasheet HTML 12Page - Linear Technology LTC1642AIGN Datasheet HTML 13Page - Linear Technology LTC1642AIGN Datasheet HTML 14Page - Linear Technology LTC1642AIGN Datasheet HTML 15Page - Linear Technology LTC1642AIGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1642A
1642af
©LINEAR TECHNOLOGY CORPORATION 1999
LT/TP 0605 500 • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1421
Hot Swap Controller
Two Supplies from 3V to 12V and –12V
LTC4211
Hot Swap Controller with Multifunction Current Control
Single Supply from 2.5V to 16.5V, MSOP Package
LT4250
Negative Voltage Hot Swap Controller in SO-8
– 48V Supplies, Active Current Limit
LTC1643
PCI-Bus Hot Swap Controller
3.3V, 5V,
±12V Supplies for PCI Bus, Active Current Limit
TYPICAL APPLICATIO
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
12V Hot Swap Circuit for InfiniBand Modules
D2
1N4705
18V
REF
COMP–
CRWBR RST TMR
BRK TMR
GND
VCC
SENSE
GATE
COMPOUT
RESET
FB
FAULT
ON
OV
COMP+
LTC1642A
13
12
1
3
2
8
16
15
14
10
5
7
6
4
9
11
R3
100
Ω
C2
0.047
µF
R4
330
Ω
5%
R12
84.5k
1%
R6
127k
1%
R5
10.2k 1%
R2
Q1
C7
0.01
µF
R11
12.4k
1%
C6
0.1
µF
C5
0.01
µF
C1*
0.033
µF
30k
C4
0.033
µF
D1*
1N4148
10k
R9
681k
1%
R8
100k
1%
DC/DC
CONVERTER
INPUT
TO CONVERTER'S
RUN/SS
TO DC/DC RETURN
1642a TA02
VB_In
VBxEn_L
VB_Ret
InfiniBand
BACKPLANE
InfiniBand
MODULE
LOCAL POWER
ENABLE
UV
* INSTALL D1 FOR AUTOMATIC RESTART
IF USING D1, INCREASE C1
START-UP DELAY IS 20ms TYPICAL
CIRCUIT-BREAKER DELAY IS 1ms TYPICAL
†FAIRCHILD
(408) 822-2126
R
E
W
O
P
E
L
U
D
O
M2
R1
Q
W
5
2%
5
,
Ω
5
1
0
.
02†
1
6
6
S
D
F
W
0
5%
5
,
Ω
7
0
0
.
00†
8
6
6
S
D
F
LONG
SHORT
LONG
PACKAGE DESCRIPTIO
GN16 (SSOP) 0204
12
3
4
5
6
7
8
.229 – .244
(5.817 – 6.198)
.150 – .157**
(3.810 – 3.988)
16 15 14 13
.189 – .196*
(4.801 – 4.978)
12 11 10 9
.016 – .050
(0.406 – 1.270)
.015
± .004
(0.38
± 0.10)
× 45°
0
° – 8°
TYP
.007 – .0098
(0.178 – 0.249)
.0532 – .0688
(1.35 – 1.75)
.008 – .012
(0.203 – 0.305)
TYP
.004 – .0098
(0.102 – 0.249)
.0250
(0.635)
BSC
.009
(0.229)
REF
.254 MIN
RECOMMENDED SOLDER PAD LAYOUT
.150 – .165
.0250 BSC
.0165
±.0015
.045
±.005
*DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
**DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
INCHES
(MILLIMETERS)
NOTE:
1. CONTROLLING DIMENSION: INCHES
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE
GN Package
16-Lead Plastic SSOP (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1641)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com