Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1642AIGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1642AIGN
Description  Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1642AIGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1642AIGN Datasheet HTML 8Page - Linear Technology LTC1642AIGN Datasheet HTML 9Page - Linear Technology LTC1642AIGN Datasheet HTML 10Page - Linear Technology LTC1642AIGN Datasheet HTML 11Page - Linear Technology LTC1642AIGN Datasheet HTML 12Page - Linear Technology LTC1642AIGN Datasheet HTML 13Page - Linear Technology LTC1642AIGN Datasheet HTML 14Page - Linear Technology LTC1642AIGN Datasheet HTML 15Page - Linear Technology LTC1642AIGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1642A
1642af
Overvoltage Protection
The LTC1642A can protect a load from overvoltages by
turning off the pass transistor if the supply voltage ex-
ceeds an adjustable limit, and by triggering a crowbar SCR
if the overvoltage lasts longer than an adjustable time. The
part can also be configured to automatically restart when
the overvoltage clears.
The overvoltage protection circuitry is shown in Figure 8.
The external components comprise a resistor divider
driving the OV pin, timing capacitor C5, NPN emitter
follower Q2, and crowbar SCR Q3. Because the MCR12DC
is not a sensitive-gate device, the optional resistor shunt-
ing the SCR gate to ground is omitted. The internal
components comprise a comparator, 1.22V bandgap ref-
erence, two current sources, and a timer at the CRWBR
pin. When VCCexceeds(1+R6/R5)•1.22Vthecomparator’s
output goes high and internal logic turns off Q1 and starts
the timer. This timer has a 0.410V threshold and uses the
CRWBR pin; when CRWBR reaches 0.410V the timer
comparator trips, and the current sourced from VCC in-
creases to 1.5mA. Emitter follower Q2 boosts this current
to trigger crowbar SCR Q3. The ramp time
∆t needed to
trip the comparator is:
tCRWBR = 9.1(ms/µF) C5
D1
1N4705
18V
GATE
ON
14
SENSE
15
CRWBR
1
4
FAULT
6
OV
9
VCC
16
R2
0.015
Ω
Q1
FDS6630A
GND
LTC1642A
8
RST TMR
3
R6
127k
1%
R5
12.4k
1%
VIN
12V
2.5A
1642a F08
R3
100
Ω
R4
330
Ω
C2
0.047
µF
+
C1
0.33
µF
ALL RESISTORS
±5% UNLESS NOTED
OV COMPARATOR TRIPS AT VIN = 13.85V
RESET TIME = 200ms
CROWBAR DELAY TIME = 90
µs
Q2
2N2222
Q3
MCR12DC
* ADD 220
Ω RESISTOR IF
USING A SENSITIVE-GATE SCR
C5
0.01
µF
VOUT
CLOAD
Figure 8. Overvoltage Protection Circuitry
Figure 9. Overvoltage Timing (Input Side)
APPLICATIO S I FOR ATIO
100ms/DIV
1642a F09
IN
OV
GATE
OUT
CRWBR
RST TMR
ON
FAULT
20V/DIV
2V/DIV
50V/DIV
20V/DIV
1V/DIV
2V/DIV
20V/DIV
20V/DIV
t1 t2
t3
t4 t5
t7
t6
t8
Once the CRWBR timer trips the LTC1642A latches off:
after the overvoltage clears GATE and FAULT remain at
ground and CRWBR continues sourcing 1.5mA. To restart
the part after the overvoltage clears, hold the ON pin low
for at least 2
µsandthenbringithigh.TheGATEvoltagewill
begin ramping up one system timing cycle later. The part
will restart itself if FAULT and ON are connected.
Figure 9 shows typical waveforms when the divider is
driven from VCC. The OV comparator goes high at time 1,
causing the chip to pull the GATE pin to ground and start
the CRWBR timer. At time 2, before the timer’s compara-
tor trips, OV falls below its threshold; the timer resets and
GATE begins charging one system timing cycle later at
time 3. Another overvoltage begins at time 4, and at time
5 the CRWBR timer trips; FAULT goes low and the CRWBR
pin begins sourcing 1.5mA. Even after OV falls below
1.22V at time 6, GATE and FAULT stay low, and CRWBR
continues to source 1.5mA. FAULT goes high when ON
goes low at time 7, and GATE begins charging at time 8,
one RST TMR cycle after FAULT goes high.
Figure 10 shows typical waveforms when the OV divider is
driven from the N-Channel’s output side. Because the
voltage driving the divider collapses after the OV compara-
tor trips, FAULT stays high and CRWBR stays near ground,
which prevents the pin from triggering an SCR. The GATE
voltage begins ramping up after a RST TMR timing cycle.
To disable overvoltage protection completely, tie the OV
and CRWBR pins to GND. For overvoltage protection at the
GATE pin, but without latch off or a crowbar SCR such as
Q3 in Figure 1, tie CRWBR to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com