Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM4607
Description  36VIN, 24VOUT High Effi ciency Buck-Boost DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM4607 Datasheet HTML 3Page - Linear Technology LTM4607 Datasheet HTML 4Page - Linear Technology LTM4607 Datasheet HTML 5Page - Linear Technology LTM4607 Datasheet HTML 6Page - Linear Technology LTM4607 Datasheet HTML 7Page - Linear Technology LTM4607 Datasheet HTML 8Page - Linear Technology LTM4607 Datasheet HTML 9Page - Linear Technology LTM4607 Datasheet HTML 10Page - Linear Technology LTM4607 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTM4607
7
4607f
PIN FUNCTIONS
VIN (Bank 1): Power Input Pins. Apply input voltage be-
tween these pins and PGND pins. Recommend placing
input decoupling capacitance directly between VIN pins
and PGND pins.
VOUT (Bank 5): Power Output Pins. Apply output load
between these pins and PGND pins. Recommend placing
output decoupling capacitance directly between these pins
and PGND pins.
PGND (Bank 6): Power Ground Pins for Both Input and
Output Returns.
SW1, SW2 (Bank 4, Bank 2): Switch Nodes. The power
inductor is connected between SW1 and SW2.
RSENSE (Bank 3): Sensing Resistor Pin. The sensing resis-
tor is connected from this pin to PGND.
SENSE+ (Pin A4):
Positive Input to the Current Sense and
Reverse Current Detect Comparators.
SENSE– (Pin A5):
Negative Input to the Current Sense and
Reverse Current Detect Comparators.
EXTVCC(PinF6):ExternalVCCInput.WhenEXTVCCexceeds
5.7V, an internal switch connects this pin to INTVCC and
shuts down the internal regulator so that the controller and
gate drive power is drawn from EXTVCC. Do not exceed
7V at this pin and ensure that EXTVCC < VIN
INTVCC (Pin F5): Internal 6V Regulator Output. This pin is
for additional decoupling of the 6V internal regulator.
PLLIN (Pin B9): External Clock Synchronization Input
to the Phase Detector. This pin is internally terminated
to SGND with a 50k resistor. The phase-locked loop will
force the rising bottom gate signal of the controller to be
synchronized with the rising edge of PLLIN signal.
PLLFLTR (Pin B8): The lowpass filter of the phase-locked
loop is tied to this pin. This pin can also be used to set the
frequency of the internal oscillator with an AC or DC voltage.
See the Applications Information section for details.
SS (Pin A6): Soft-Start Pin. Soft-start reduces the input
surge current from the power source by gradually increas-
ing the controller’s current limit.
STBYMD (Pin A10): LDO Control Pin. Determines whether
the internal LDO remains active when the controller is shut
down. See Operations section for details. If the STBYMD
pin is pulled to ground, the SS pin is internally pulled to
ground to disable start-up and thereby providing a single
control pin for turning off the controller. An internal de-
coupling capacitor is tied to this pin.
VFB (Pin B6): The Negative Input of the Error Amplifier.
Internally, this pin is connected to VOUT with a 100k preci-
sion resistor. Different output voltages can be programmed
with an additional resistor between VFB and SGND pins.
See the Applications Information section.
FCB (Pin A9): Forced Continuous Control Input. The voltage
applied to this pin sets the operating mode of the module.
When the applied voltage is less than 0.8V, the forced
continuous current mode is active in boost operation and
the skip cycle mode is active in buck operation. When the
pin is tied to INTVCC, the constant frequency discontinuous
current mode is active in buck or boost operation. See the
Applications Information section.
SGND (Pin A7): Signal Ground Pin. This pin connects to
PGND at output capacitor point.
COMP (Pin B7): Current Control Threshold and Error
Amplifier Compensation Point. The current comparator
threshold increases with this control voltage. The voltage
ranges from 0V to 2.4V.
PGOOD (Pin B5): Output Voltage Power Good Indicator.
Open drain logic output that is pulled to ground when the
output voltage is not within ±10% of the regulation point,
after a 25μs power bad mask timer expires.
RUN (Pin A8): Run Control Pin. A voltage below 1.6V will
turn off the module. There is a 100k resistor between the
RUN pin and SGND in the module. Do not apply more than
6V to this pin. See Applications Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com