Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 11 Page - Linear Technology

Part # LTM4607
Description  36VIN, 24VOUT High Effi ciency Buck-Boost DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM4607 Datasheet HTML 7Page - Linear Technology LTM4607 Datasheet HTML 8Page - Linear Technology LTM4607 Datasheet HTML 9Page - Linear Technology LTM4607 Datasheet HTML 10Page - Linear Technology LTM4607 Datasheet HTML 11Page - Linear Technology LTM4607 Datasheet HTML 12Page - Linear Technology LTM4607 Datasheet HTML 13Page - Linear Technology LTM4607 Datasheet HTML 14Page - Linear Technology LTM4607 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTM4607
11
4607f
APPLICATIONS INFORMATION
ings are often based on temperature and hours of life. This
makes it advisable to properly derate the input capacitor,
or choose a capacitor rated at a higher temperature than
required. Always contact the capacitor manufacturer for
derating requirements.
Output Capacitors
In boost mode, the discontinuous current shifts from the
input to the output, so the output capacitor COUT must be
capable of reducing the output voltage ripple.
For boost and buck modes, the steady ripple due to charg-
ing and discharging the bulk capacitance is given by:
V
IV
V
C
RIPPLE BOOST
OUT MAX
OUT
IN MIN
OUT
,
()
(
)
•
=
−
()
•••
Vf
OUT
V
VV
V
LC
V
RIPPLE BUCK
OUT
IN MAX
OUT
OUT
,
()
•
••
•
=
−
()
8
IIN MAX
f
() •
2
The steady ripple due to the voltage drop across the ESR
(effective series resistance) is given by:
V
ESR,BUCK = ΔIL(MAX) •ESR
V
I
ESR
ESR BOOST
L MAX
,(
) •
=
The LTM4607 is designed for low output voltage ripple.
The bulk output capacitors defined as COUT are chosen
with low enough ESR to meet the output voltage ripple and
transient requirements. COUT can be the low ESR tantalum
capacitor, the low ESR polymer capacitor or the ceramic
capacitor. Multiple capacitors can be placed in parallel to
meet the ESR and RMS current handling requirements. The
typical capacitance is 300μF. Additional output filtering may
be required by the system designer, if further reduction of
output ripple or dynamic transient spike is required. Table
3 shows a matrix of different output voltages and output
capacitors to minimize the voltage droop and overshoot
at a current transient.
Inductor Selection
The inductor is chiefly decided by the required ripple cur-
rent and the operating frequency. The inductor current
ripple ΔIL is typically set to 20% to 40% of the maximum
inductor current. In the inductor design, the worst cases
in continuous mode are considered as follows:
L
VV
V
Vf I
BOOST
IN
OUT MAX
IN
OUT MAX
OUT
≥
−
()
•
••
()
()
(M
MAX
Ripple
) •%
L
VV
V
Vf I
BUCK
OUT
IN MAX
OUT
IN MAX
OUT M
≥
−
()
•
••
()
()
( A
AX
Ripple
) •%
where:
f is operating frequency, Hz
Ripple% is allowable inductor current ripple, %
VOUT(MAX) is maximum output voltage, V
VIN(MAX) is maximum input voltage, V
VOUT is output voltage, V
IOUT(MAX) is maximum output load current, A
The inductor should have low DC resistance to reduce the
I2R losses, and must be able to handle the peak inductor
current without saturation. To minimize radiated noise,
use a toroid, pot core or shielded bobbin inductor. Please
refer to Table 3 for the recommended inductors for dif-
ferent cases.
RSENSE Selection and Maximum Output Current
RSENSE is chosen based on the required inductor current.
Since the maximum inductor valley current at buck mode
is much lower than the inductor peak current at boost
mode, different sensing resistors are suggested to use
in buck and boost modes.
The current comparator threshold sets the peak of the
inductor current in boost mode and the maximum inductor
valley current in buck mode. In boost mode, the allowed
maximum average load current is:
IOUT(MAX,BOOST) =
160mV
RSENSE
IL
2
•
VIN
VOUT
where ΔIL is peak-to-peak inductor ripple current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com