Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 24 Page - Linear Technology

Part # LTM4607
Description  36VIN, 24VOUT High Effi ciency Buck-Boost DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTM4607 Datasheet HTML 16Page - Linear Technology LTM4607 Datasheet HTML 17Page - Linear Technology LTM4607 Datasheet HTML 18Page - Linear Technology LTM4607 Datasheet HTML 19Page - Linear Technology LTM4607 Datasheet HTML 20Page - Linear Technology LTM4607 Datasheet HTML 21Page - Linear Technology LTM4607 Datasheet HTML 22Page - Linear Technology LTM4607 Datasheet HTML 23Page - Linear Technology LTM4607 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTM4607
24
4607f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 0108 • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC2900
Quad Supply Monitor with Adjustable Reset Timer
Monitors Four Supplies; Adjustable Reset Timer
LTC2923
Power Supply Tracking Controller
Tracks Both Up and Down; Power Supply Sequencing
LTC3780
36V Buck-Boost Controller
Synchronous Operation; Single Inductor; 4V ≤ VIN ≤ 36V; 0.8V ≤ VOUT ≤ 30V
LTC3785
10V Buck-Boost Controller
Synchronous; No RSENSE; 2.7V ≤ VIN ≤ 10V; 2.7V ≤ VOUT ≤ 10V
LT3825/LT3837
Synchronous Isolated Flyback Controllers
No Optocoupler Required; 3.3V, 12A Output; Simple Design
LTM4600
10A DC/DC μModule
Basic 10A DC/DC μModule
LTM4601/LTM4601A 12A DC/DC μModule with PLL, Output Tracking/
Margining and Remote Sensing
Synchronizable, PolyPhase Operation to 48A, LTM4601-1 Version has no
Remote Sensing
LTM4600HVMP
Military Plastic 10A DC/DC μModule
–55°C ≤ TA ≤ 125°C Operation; Military Plastic LGA
LTM4602
6A DC/DC μModule
Pin Compatible with the LTM4600
LTM4603
6A DC/DC μModule with PLL and Output Tracking/
Margining and Remote Sensing
Synchronizable, PolyPhase Operation, LTM4603-1 Version has no Remote
Sensing, Pin Compatible with the LTM4601
LTM4604
4A, Low VIN, DC/DC μModule
2.75V ≤ VIN ≤ 5V; 0.8V ≤ VOUT ≤ 5V; 9mm × 15mm × 2.3mm
LTM4605
5A High Efficiency Buck-Boost DC/DC μModule
Pin Compatible with LTM4607, 4.5V to 20V Input and 0.8V to 16V Output
LTM4608
8A, Low VIN, DC/DC μModule
2.75V ≤ VIN ≤ 5V; 0.6V ≤ VOUT ≤ 5V; 9mm × 15mm × 2.8mm
Pin Assignment Table 6
(Arranged by Pin Number)
PIN NAME
PIN NAME
PIN NAME
PIN NAME
PIN NAME
PIN NAME
A1
PGND
C1
PGND
E1
VOUT
G1
VOUT
J1
SW1
L1
SW1
A2
PGND
C2
PGND
E2
VOUT
G2
VOUT
J2
SW1
L2
SW1
A3
PGND
C3
PGND
E3
PGND
G3
VOUT
J3
SW1
L3
SW1
A4
SENSE+
C4
PGND
E4
PGND
G4
VOUT
J4
SW1
L4
SW1
A5
SENSE–
C5
PGND
E5
PGND
G5
RSENSE
J5
RSENSE
L5
RSENSE
A6
SS
C6
PGND
E6
PGND
G6
RSENSE
J6
RSENSE
L6
RSENSE
A7
SGND
C7
PGND
E7
PGND
G7
RSENSE
J7
RSENSE
L7
SW2
A8
RUN
C8
PGND
E8
PGND
G8
RSENSE
J8
SW2
L8
SW2
A9
FCB
C9
PGND
E9
PGND
G9
RSENSE
J9
SW2
L9
SW2
A10 STBYMD C10 PGND
E10 PGND
G10 RSENSE
J10 VIN
L10 VIN
A11 PGND
C11 PGND
E11 PGND
G11 RSENSE
J11 VIN
L11 VIN
A12 PGND
C12 PGND
E12 PGND
G12 RSENSE
J12 VIN
L12 VIN
B1
PGND
D1
PGND
F1
VOUT
H1
VOUT
K1
SW1
M1
SW1
B2
PGND
D2
PGND
F2
VOUT
H2
VOUT
K2
SW1
M2
SW1
B3
PGND
D3
PGND
F3
VOUT
H3
VOUT
K3
SW1
M3
SW1
B4
PGND
D4
PGND
F4
VOUT
H4
VOUT
K4
SW1
M4
SW1
B5
PGOOD
D5
PGND
F5
INTVCC
H5
RSENSE
K5
RSENSE
M5
RSENSE
B6
VFB
D6
PGND
F6
EXTVCC
H6
RSENSE
K6
RSENSE
M6
RSENSE
B7
COMP
D7
PGND
F7
–
H7
RSENSE
K7
SW2
M7
SW2
B8
PLLFLTR D8
PGND
F8
–
H8
RSENSE
K8
SW2
M8
SW2
B9
PLLIN
D9
PGND
F9
–
H9
RSENSE
K9
SW2
M9
SW2
B10 PGND
D10 PGND
F10 RSENSE
H10 RSENSE
K10 VIN
M10 VIN
B11 PGND
D11 PGND
F11 RSENSE
H11 RSENSE
K11 VIN
M11 VIN
B12 PGND
D12 PGND
F12 RSENSE
H12 RSENSE
K12 VIN
M12 VIN
PACKAGE DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com