Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM4607
Description  36VIN, 24VOUT High Effi ciency Buck-Boost DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM4607 Datasheet HTML 12Page - Linear Technology LTM4607 Datasheet HTML 13Page - Linear Technology LTM4607 Datasheet HTML 14Page - Linear Technology LTM4607 Datasheet HTML 15Page - Linear Technology LTM4607 Datasheet HTML 16Page - Linear Technology LTM4607 Datasheet HTML 17Page - Linear Technology LTM4607 Datasheet HTML 18Page - Linear Technology LTM4607 Datasheet HTML 19Page - Linear Technology LTM4607 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTM4607
16
4607f
APPLICATIONS INFORMATION
Table 3. Typical Components (f = 400kHz)
COUT1 VENDORS
PART NUMBER
COUT2 VENDORS
PART NUMBER
TDK
C4532X7R1E226M (22μF, 25V)
Sanyo
16SVP180MX (180μF, 16V), 20SVP150MX (150μF, 20V)
INDUCTOR VENDORS
PART NUMBER
RSENSE VENDORS
PART NUMBER
Toko
FDA1254
Vishay
Power Metal Strip Resistors WSL1206-18
Sumida
CDEP134, CDEP145, CDEP147
Panasonic
Thick Film Chip Resistors ERJ12
VIN
(V)
VOUT
(V)
RSENSE
(0.5W RATING)
Inductor
(μH)
CIN
(CERAMIC)
CIN
(BULK)
COUT1
(CERAMIC)
COUT2
(BULK)
IOUT(MAX)*
(A)
12
5
2 × 18mΩ 0.5W
2.2
2 × 10μF 25V
150μF 35V
2 × 22μF 25V
2 × 180μF 16V
12
20
5
2 × 18mΩ 0.5W
2.5
2 × 10μF 25V
150μF 35V
2 × 22μF 25V
2 × 180μF 16V
12
24
5
2 × 18mΩ 0.5W
2.5
2 × 10μF 25V
150μF 35V
2 × 22μF 25V
2 × 180μF 16V
12
32
5
2 × 20mΩ 0.5W
3.3
2 × 10μF 50V
150μF 35V
2 × 22μF 25V
2 × 180μF 16V
10
36
5
2 × 20mΩ 0.5W
3.3
2 × 10μF 50V
150μF 50V
2 × 22μF 25V
2 × 180μF 16V
10
5
8
2 × 16mW 0.5W
1.5
None
150μF 35V
4 × 22μF 25V
2 × 180μF 16V
7
12
8
2 × 18mΩ 0.5W
2.2
2 × 10μF 25V
150μF 35V
2 × 22μF 25V
2 × 180μF 16V
12
20
8
2 × 20mW 0.5W
3.3
2 × 10μF 25V
150μF 35V
2 × 22μF 25V
2 × 180μF 16V
11
24
8
2 × 20mΩ 0.5W
3.3
2 × 10μF 25V
150μF 35V
2 × 22μF 25V
2 × 180μF 16V
11
32
8
2 × 20mΩ 0.5W
4.7
2 × 10μF 50V
150μF 35V
2 × 22μF 25V
2 × 180μF 16V
10
36
8
2 × 22mΩ 0.5W
4.7
2 × 10μF 50V
150μF 50V
2 × 22μF 25V
2 × 180μF 16V
10
5
10
2 × 16mW 0.5W
2.2
None
150μF 35V
4 × 22μF 25V
2 × 180μF 16V
6
15
10
2 × 18mW 0.5W
2.2
2 × 10μF 25V
150μF 35V
2 × 22μF 25V
2 × 180μF 16V
12
20
10
2 × 20mW 0.5W
3.3
2 × 10μF 25V
150μF 35V
2 × 22μF 25V
2 × 180μF 16V
11
24
10
2 × 18mΩ 0.5W
3.3
2 × 10μF 25V
150μF 35V
2 × 22μF 25V
2 × 180μF 16V
11
32
10
2 × 22mΩ 0.5W
4.7
2 × 10μF 50V
150μF 35V
2 × 22μF 25V
2 × 180μF 16V
10
36
10
2 × 22mΩ 0.5W
4.7
2 × 10μF 50V
150μF 50V
2 × 22μF 25V
2 × 180μF 16V
10
6
12
2 × 14mΩ 0.5W
2.2
None
150μF 35V
4 × 22μF 25V
2 × 180μF 16V
6
16
12
2 × 16mW 0.5W
2.2
2 × 10μF 25V
150μF 35V
2 × 22μF 25V
2 × 180μF 16V
12
20
12
2 × 18mW 0.5W
3.3
2 × 10μF 25V
150μF 35V
2 × 22μF 25V
2 × 180μF 16V
12
24
12
2 × 18mΩ 0.5W
3.3
2 × 10μF 25V
150μF 35V
2 × 22μF 25V
2 × 180μF 16V
11
32
12
2 × 22mΩ 0.5W
4.7
2 × 10μF 50V
150μF 35V
2 × 22μF 25V
2 × 180μF 16V
10
36
12
2 × 22mΩ 0.5W
4.7
2 × 10μF 50V
150μF 50V
2 × 22μF 25V
2 × 180μF 16V
10
5
16
2 × 18mW 0.5W
3.3
None
150μF 35V
4 × 22μF 25V
2 × 150μF 20V
3
8
16
2 × 16mW 0.5W
3.3
None
150μF 35V
4 × 22μF 25V
2 × 150μF 20V
6
12
16
2 × 14mW 0.5W
2.2
None
150μF 35V
4 × 22μF 25V
2 × 150μF 20V
9
20
16
2 × 20mW 0.5W
2.2
2 × 10μF 25V
150μF 35V
2 × 22μF 25V
2 × 150μF 20V
11
24
16
2 × 20mΩ 0.5W
3.3
2 × 10μF 25V
150μF 35V
2 × 22μF 25V
2 × 150μF 20V
11
32
16
2 × 22mΩ 0.5W
4.7
2 × 10μF 50V
150μF 35V
2 × 22μF 25V
2 × 150μF 20V
10
36
16
2 × 22mΩ 0.5W
6
2 × 10μF 50V
150μF 50V
2 × 22μF 25V
2 × 150μF 20V
10
5
20
2 × 18mΩ 0.5W
3.3
NONE
150μF 50V
4 × 22μF 25V
2 × 150μF 50V
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com