Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 10 Page - Linear Technology

Part # LTM4607
Description  36VIN, 24VOUT High Effi ciency Buck-Boost DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM4607 Datasheet HTML 6Page - Linear Technology LTM4607 Datasheet HTML 7Page - Linear Technology LTM4607 Datasheet HTML 8Page - Linear Technology LTM4607 Datasheet HTML 9Page - Linear Technology LTM4607 Datasheet HTML 10Page - Linear Technology LTM4607 Datasheet HTML 11Page - Linear Technology LTM4607 Datasheet HTML 12Page - Linear Technology LTM4607 Datasheet HTML 13Page - Linear Technology LTM4607 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTM4607
10
4607f
locked loop comprised of an internal voltage controlled
oscillator and a phase detector. This allows turning on the
internal top MOSFET for locking to the rising edge of the
external clock. A pulse detection circuit is used to detect
a clock on the PLLIN pin to turn on the phase lock loop.
The input pulse width of the clock has to be at least 400ns,
and 2V in amplitude. The synchronized frequency ranges
from 200kHz to 400kHz, corresponding to a DC voltage
input from 0V to 2.4V at PLLFLTR. During the start up of
the regulator, the phase-lock loop function is disabled.
APPLICATIONS INFORMATION
Figure 2. Frequency vs PLLFLTR Pin Voltage
Low Current Operation
To improve the efficiency at low current operation,
LTM4607 provides three modes for both buck and boost
operations by accepting a logic input on the FCB pin. Table
2 shows the different operation modes.
Table 2. Different Operating Modes
FCB PIN
BUCK
BOOST
0V to 0.75V
Force Continuous Mode
Force Continuous Mode
0.85V to 5V
Skip-Cycle Mode
Burst Mode Operation
>5.3V
DCM with Constant Freq
DCM with Constant Freq
When the FCB pin voltage is lower than 0.8V, the controller
behaves as a continuous, PWM current mode synchronous
switching regulator. When the FCB pin voltage is below
VINTVCC – 1V, but greater than 0.8V, the controller enters
Burst Mode operation in boost operation or enters skip-
cycle mode in buck operation. During boost operation,
Burst Mode operation is activated if the load current is
lower than the preset minimum output current level. The
MOSFETs will turn on for several cycles, followed by a
variable “sleep” interval depending upon the load current.
During buck operation, skip-cycle mode sets a minimum
positive inductor current level. In this mode, some cycles
will be skipped when the output load current drops below
1% of the maximum designed load in order to maintain
the output voltage.
When the FCB pin voltage is tied to the INTVCC pin, the
controller enters constant frequency discontinuous current
mode (DCM). For boost operation, if the output voltage is
high enough, the controller can enter the continuous current
buck mode for one cycle to discharge inductor current. In
the following cycle, the controller will resume DCM boost
operation. for buck operation, constant frequency discon-
tinuous current mode is turned on if the preset minimum
negative inductor current level is reached. At very light
loads, this constant frequency operation is not as efficient
as Burst Mode operation or skip-cycle, but does provide
low noise, constant frequency operation.
Input Capacitors
In boost mode, since the input current is continuous, only
minimum input capacitors are required. However, the input
current is discontinuous in buck mode. So the selection
of input capacitor CIN is driven by the need of filtering the
input square wave current.
For a buck converter, the switching duty-cycle can be
estimated as:
D
V
V
OUT
IN
=
Without considering the inductor current ripple, the RMS
current of the input capacitor can be estimated as:
I
CIN(RMS) =
I
OUT(MAX)
η
•D • (1− D)
In the above equation, η is the estimated efficiency of the
power module. CIN can be a switcher-rated electrolytic
aluminum capacitor, OS-CON capacitor or high volume
ceramic capacitors. Note the capacitor ripple current rat-
PLLFLTR PIN VOLTAGE (V)
0
0.5
2.0
450
400
350
300
250
200
150
100
50
0
4607 F02
1.0
1.5
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com