Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM4607
Description  36VIN, 24VOUT High Effi ciency Buck-Boost DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM4607 Datasheet HTML 10Page - Linear Technology LTM4607 Datasheet HTML 11Page - Linear Technology LTM4607 Datasheet HTML 12Page - Linear Technology LTM4607 Datasheet HTML 13Page - Linear Technology LTM4607 Datasheet HTML 14Page - Linear Technology LTM4607 Datasheet HTML 15Page - Linear Technology LTM4607 Datasheet HTML 16Page - Linear Technology LTM4607 Datasheet HTML 17Page - Linear Technology LTM4607 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTM4607
14
4607f
APPLICATIONS INFORMATION
at buck mode, we can get the current ripple ratio of the
current ripple ΔIL to the maximum inductor current IL as
follows:
ΔIL
I
L
=
(V
IN –VOUT )• VOUT
2
V
IN •L • f •P
Figure 3. shows the current ripple ratio at different input
voltages based on the inductor values: 2.5μH, 3.3μH, 4.7μH
and 6μH. If we need about 40% ripple current ratio at all
inputs, the 4.7μH inductor can be selected.
At buck mode, sensing resistor selection is based on
the maximum output current and the allowed maximum
sensing threshold 130mV.
R
SENSE =
2 • 130mV
2• (P / V
OUT ) −ΔIL
Consider the safety margin about 30%, we can choose
the sensing resistor as 9mΩ.
For the input capacitor, use a low ESR sized capacitor to
handle the maximum RMS current. Input capacitors are
required to be placed adjacent to the module. In Figure
16, the 10μF ceramic input capacitors are selected for
their ability to handle the large RMS current into the
converter. The 100μF bulk capacitor is only needed if the
input source impedance is compromised by long inductive
leads or traces.
For the output capacitor, the output voltage ripple and
transient requirements require low ESR capacitors. If
assuming that the ESR dominates the output ripple, the
output ripple is as follows:
ΔVOUT(P-P) = ESR • ΔIL
If a total low ESR of about 5mΩ is chosen for output ca-
pacitors, the maximum output ripple of 21.5mV occurs at
the input voltage of 36V with the current ripple at 4.3A.
Boost Mode Operation
For boost mode operation, use input voltage VIN = 5V to
12V, VOUT = 12V and f = 400kHz.
Set the PLLFLTR pin and RFB as in buck mode.
If the maximum output power P is 60W at boost mode
and the module efficiency η is about 95%, we can get
the current ripple ratio of the current ripple ΔIL to the
maximum inductor current IL as follows:
ΔIL
I
L
=
(V
OUT − VIN )• VIN
2η
V
OUT •L • f •P
Figure 4 shows the current ripple ratio at different input
voltages based on the inductor values: 1.5μH, 2.5μH,
3.3μH and 4.7μH. If we need 30% ripple current ratio at
all inputs, the 3.3μH inductor can be selected.
At boost mode, sensing resistor selection is based on
the maximum input current and the allowed maximum
sensing threshold 160mV.
R
SENSE =
2 • 160mV
2•
P
η •VIN(MIN)
+ ΔIL
Consider the safety margin about 30%, we can choose
the sensing resistor as 7mΩ.
Figure 3. Current Ripple Ratio at Different Inputs for Buck Mode
INPUT VOLTAGE VIN (V)
12
18
0.8
0.6
2.5μH
3.3μH
6μH
0.4
0.2
0
4607 F03
24
30
36
4.7μH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com