Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 19 Page - Linear Technology

Part # LTM4607
Description  36VIN, 24VOUT High Effi ciency Buck-Boost DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTM4607 Datasheet HTML 15Page - Linear Technology LTM4607 Datasheet HTML 16Page - Linear Technology LTM4607 Datasheet HTML 17Page - Linear Technology LTM4607 Datasheet HTML 18Page - Linear Technology LTM4607 Datasheet HTML 19Page - Linear Technology LTM4607 Datasheet HTML 20Page - Linear Technology LTM4607 Datasheet HTML 21Page - Linear Technology LTM4607 Datasheet HTML 22Page - Linear Technology LTM4607 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTM4607
19
4607f
APPLICATIONS INFORMATION
Table 4. Boost Mode
DERATING CURVE
VOUT (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEATSINK
θJA (°C/W)*
Figure 7, 9
12, 16
Figure 5
0
none
11.4
Figure 7, 9
12, 16
Figure 5
200
none
8.5
Figure 7, 9
12, 16
Figure 5
400
none
7.5
Figure 8, 10
12, 16
Figure 5
0
BGA Heatsink
11.0
Figure 8, 10
12, 16
Figure 5
200
BGA Heatsink
7.9
Figure 8, 10
12, 16
Figure 5
400
BGA Heatsink
7.1
Table 5. Buck Mode
DERATING CURVE
VOUT (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEATSINK
θJA (°C/W)*
Figure 11, 13
12, 20
Figure 6
0
none
8.2
Figure 11, 13
12, 20
Figure 6
200
none
5.9
Figure 11, 13
12, 20
Figure 6
400
none
5.4
Figure 12, 14
12, 20
Figure 6
0
BGA Heatsink
7.5
Figure 12, 14
12, 20
Figure 6
200
BGA Heatsink
5.3
Figure 12, 14
12, 20
Figure 6
400
BGA Heatsink
4.8
HEATSINK MANUFACTURER
PART NUMBER
PHONE NUMBER
Wakefield Engineering
LTN20069
603-635-2800
Aaivd Thermalloy
375424B00034G
603-224-9988
*The results of thermal resistance from junction to ambient θJA are based on the demo board DC 1198A. Thus, the maximum temperature on board is treated
as the junction temperature (which is in the μModule for most cases) and the power losses from all components are counted for calculations. It has to be
mentioned that poor board design may increase the θJA.
Figure 13. 36VIN to 20VOUT without Heat Sink
Figure 14. 36VIN to 20VOUT with Heat Sink
TYPICAL APPLICATIONS
AMBIENT TEMPERATURE (°C)
0
1
5
6
7
8
45
55
65
4607 F13
2
4
3
85
75
95
105
36VIN TO 20VOUT WITH 0LFM
36VIN TO 20VOUT WITH 200LFM
36VIN TO 20VOUT WITH 400LFM
AMBIENT TEMPERATURE (°C)
0
1
5
6
7
8
45
55
65
4607 F14
2
4
3
85
75
95
105
36VIN TO 20VOUT WITH 0LFM
36VIN TO 20VOUT WITH 200LFM
36VIN TO 20VOUT WITH 400LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com