Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4607
Description  36VIN, 24VOUT High Effi ciency Buck-Boost DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 1 Page - Linear Technology

  LTM4607 Datasheet HTML 1Page - Linear Technology LTM4607 Datasheet HTML 2Page - Linear Technology LTM4607 Datasheet HTML 3Page - Linear Technology LTM4607 Datasheet HTML 4Page - Linear Technology LTM4607 Datasheet HTML 5Page - Linear Technology LTM4607 Datasheet HTML 6Page - Linear Technology LTM4607 Datasheet HTML 7Page - Linear Technology LTM4607 Datasheet HTML 8Page - Linear Technology LTM4607 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTM4607
1
4607f
6
0
5
4
3
2
1
6
100
99
98
97
96
95
94
93
92
91
90
21
31
4607 TA01b
11
16
26
36
VIN (V)
VOUT = 20V, 2.5A
f = 200kHz
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
36VIN, 24VOUT High Efficiency
Buck-Boost DC/DC µModule
The LTM®4607 is a high efficiency switching mode buck-
boost power supply. Included in the package are the
switching controller, power FETs, and support components.
Operating over an input voltage range of 4.5V to 36V, the
LTM4607 supports an output voltage range of 0.8V to
24V, set by a resistor. This high efficiency design delivers
up to 5A continuous current in boost mode (10A in buck
mode). Only the inductor, sense resistor, bulk input and
output capacitors are needed to finish the design.
The low profile package enables utilization of unused space
on the bottom of PC boards for high density point of load
regulation. The high switching frequency and current
mode architecture enable a very fast transient response
to line and load changes without sacrificing stability. The
LTM4607 can be frequency synchronized with an external
clock to reduce undesirable frequency harmonics.
Fault protection features include overvoltage and foldback
current protection. The DC/DC μModule™ is offered in a
small thermally enhanced 15mm × 15mm × 2.8mm LGA
package. The LTM4607 is Pb-free and RoHS compliant.
20V/2.5A Buck-Boost DC/DC μModule with 4.5V to 36V Input
■
Single Inductor Architecture Allows VIN Above,
Below or Equal to VOUT
■
Wide VIN Range: 4.5V to 36V
■
Wide VOUT Range: 0.8V to 24V
■
5A DC (10A DC in Buck Mode)
■
High Efficiency Up to 98%
■
Current Mode Control
■
Power Good Output Signal
■
Phase-Lockable Fixed Frequency: 200kHz to 400kHz
■
Ultra-Fast Transient Response
■
Current Foldback Protection
■
Output Overvoltage Protection
■
Small, Low Profile Surface Mount LGA Package
(15mm × 15mm × 2.8mm)
■
Telecom, Servers and Networking Equipment
■
Industrial and Automotive Equipment
■
High Power Battery-Operated Devices
, LT, LTC, LTM and Burst Mode are registered trademarks of Linear Technology
Corporation. μModule is a trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
Efficiency and Power Loss vs
Input Voltage
VOUT
FCB
RUN
SW1
SW2
RSENSE
SENSE–
SS
VFB
SGND
PLLIN
LTM4607
4.7μH
4.12k
10μF
35V
330μF
25V
4607 TA01
VOUT
20V
2.5A
CLOCK SYNC
VIN
PGND
VIN
4.5V TO 36V
0.1μF
10μF
50V
+
ON/OFF
SENSE+
R2
7mΩ


Similar Part No. - LTM4607

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4607 LINER-LTM4607 Datasheet
267Kb / 32P
關Module Boost LED Driver and Current Source
LTM4607 LINER-LTM4607 Datasheet
491Kb / 28P
High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTM4607 LINER-LTM4607 Datasheet
738Kb / 26P
Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4607 LINER-LTM4607 Datasheet
392Kb / 28P
High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
LTM4607 LINER-LTM4607 Datasheet
556Kb / 30P
High Efficiency, Synchronous,4-Switch Buck-Boost Controller
More results

Similar Description - LTM4607

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4600 LINER-LTM4600 Datasheet
356Kb / 24P
10A High Effi ciency DC/DC 關Module
LTM4600HV LINER-LTM4600HV Datasheet
374Kb / 24P
10A, 28VIN High Effi ciency DC/DC 關Module
LTM4602 LINER-LTM4602 Datasheet
327Kb / 24P
6A High Effi ciency DC/DC 關Module
LTM4602HV LINER-LTM4602HV Datasheet
329Kb / 24P
6A, 28VIN High Effi ciency DC/DC 關Module
LTM4605 LINER-LTM4605 Datasheet
281Kb / 24P
High Effi ciency Buck-Boost DC/DC 關Module
LTC3556 LINER-LTC3556 Datasheet
346Kb / 36P
High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTM4609 LINER-LTM4609 Datasheet
299Kb / 24P
36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM4600 LINER-LTM4600_06 Datasheet
343Kb / 24P
10A High Effi ciency DC/DC 關Module
LTM4609 LINER-LTM4609_15 Datasheet
747Kb / 28P
36VIN, 34VOUT High Efficiency Buck-Boost DC/DC Module Regulator
LTM4607 LINER-LTM4607_15 Datasheet
355Kb / 26P
36VIN, 24VOUT High Efficiency Buck-Boost DC/DC Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com