Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD4235F1-12UI Datasheet(PDF) 72 Page - STMicroelectronics

Part # PSD4235F1-12UI
Description  Flash In-System-Programmable Peripherals for 16-Bit MCUs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235F1-12UI Datasheet(HTML) 72 Page - STMicroelectronics

Back Button PSD4235F1-12UI Datasheet HTML 68Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 69Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 70Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 71Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 72Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 73Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 74Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 75Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 93 page
background image
Preliminary Information
PSD4000 Series
69
NOTES: 1. RD timing has the same timing as DS, LDS, UDS, and PSEN signals.
2. RD and PSEN have the same timing.
3. Any input used to select an internal PSD4000 function.
4. In multiplexed mode, latched addresses generated from ADIO delay to address output on any Port.
5. RD timing has the same timing as DS, LDS, and UDS signals.
-70
-90
Turbo
Symbol
Parameter
Conditions
Min
Max
Min
Max
Off
Unit
tLVLX
ALE or AS Pulse Width
15
20
ns
tAVLX
Address Setup Time
(Note 3)
4
6
ns
tLXAX
Address Hold Time
(Note 3)
7
8
ns
tAVQV
Address Valid to Data Valid
(Note 3)
70
90
Add 12**
ns
t SLQV
CS Valid to Data Valid
75
100
ns
RD to Data Valid
(Note 5)
24
32
ns
t RLQV
RD or PSEN to Data Valid,
80C51XA Mode
(Note 2)
31
38
ns
t RHQX
RD Data Hold Time
(Note 1)
0
0
ns
tRLRH
RD Pulse Width
(Note 1)
27
32
ns
tRHQZ
RD to Data High-Z
(Note 1)
20
25
ns
tEHEL
E Pulse Width
27
32
ns
tTHEH
R/W Setup Time to Enable
6
10
ns
tELTL
R/W Hold Time After Enable
0
0
ns
tAVPV
Address Input Valid to Address
(Note 4)
20
25
ns
Output Delay
Read Timing (5 V ± 10% Versions)
Microcontroller Interface – PSD4000 AC/DC Parameters
(5V ± 10% Versions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com