Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD4235F1-12UI Datasheet(PDF) 1 Page - STMicroelectronics

Part # PSD4235F1-12UI
Description  Flash In-System-Programmable Peripherals for 16-Bit MCUs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235F1-12UI Datasheet(HTML) 1 Page - STMicroelectronics

  PSD4235F1-12UI Datasheet HTML 1Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 2Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 3Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 4Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 5Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 6Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 7Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 8Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 93 page
background image
1/3
PRELIMINARY DATA
January 2002
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
PSD4135G2
Flash In-System-Programmable Peripherals
for 16-Bit MCUs
FEATURES SUMMARY
s
5 V±10% Single Supply Voltage:
s
Up to 4 Mbit of Primary Flash Memory (8
uniform sectors)
s
256Kbit Secondary Flash Memory (4 uniform
sectors)
s
Up to 64 Kbit SRAM
s
Over 3,000 Gates of PLD: DPLD and CPLD
s
52 Reconfigurable I/O ports
s
Enhanced JTAG Serial Port
s
Programmable power management
s
High Endurance:
– 100,000 Erase/Write Cycles of Flash Memory
– 1,000 Erase/Write Cycles of PLD
Figure 1. Packages
TQFP80 (U)


Similar Part No. - PSD4235F1-12UI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD4235F1-12UI STMICROELECTRONICS-PSD4235F1-12UI Datasheet
703Kb / 89P
Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
14-Dec-2001
More results

Similar Description - PSD4235F1-12UI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD4235G2 STMICROELECTRONICS-PSD4235G2 Datasheet
703Kb / 89P
Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
14-Dec-2001
PSD813F1-A STMICROELECTRONICS-PSD813F1-A Datasheet
563Kb / 120P
Flash In-System Programmable ISP Peripherals For 8-bit MCUs
04-Jan-2002
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 103P
Flash In-System Programmable ISP Peripherals For 8-bit MCUs
Jun-2004
PSD913F2 STMICROELECTRONICS-PSD913F2 Datasheet
476Kb / 94P
Flash In-System Programmable ISP Peripherals For 8-bit MCUs
04-Jan-2002
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 110P
Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
Jun-2004
PSD813F1 STMICROELECTRONICS-PSD813F1 Datasheet
1Mb / 110P
Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
Aug-2004
PSD813F1V STMICROELECTRONICS-PSD813F1V Datasheet
1Mb / 110P
Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
Jun-2004
PSD4256G6V STMICROELECTRONICS-PSD4256G6V Datasheet
756Kb / 100P
Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
06-Dec-2002
PSD4235G2V STMICROELECTRONICS-PSD4235G2V_09 Datasheet
917Kb / 124P
Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
12-Feb-2009
PSD813F2V STMICROELECTRONICS-PSD813F2V_09 Datasheet
914Kb / 109P
Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
05-May-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com