Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD4235F1-12UI Datasheet(PDF) 74 Page - STMicroelectronics

Part # PSD4235F1-12UI
Description  Flash In-System-Programmable Peripherals for 16-Bit MCUs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235F1-12UI Datasheet(HTML) 74 Page - STMicroelectronics

Back Button PSD4235F1-12UI Datasheet HTML 70Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 71Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 72Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 73Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 74Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 75Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 76Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 77Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 93 page
background image
Preliminary Information
PSD4000 Series
71
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tNLNH
Warm RESET Active Low Time (Note 1)
150
ns
tOPR
RESET High to Operational Device
120
ns
tNLNH-PO
Power On Reset Active Low Time
1
ms
tNLNH-A
Warm RESET Active Low Time
(Note 2)
25
µs
Reset Pin Timing (5 V ± 10%)
NOTE: 1. tCLCL is the CLKIN clock period.
Microcontroller Interface – PSD4000 AC/DC Parameters
(5V ± 10% Versions)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tBVBH
Vstby Detection to Vstbyon Output High
(Note 1)
20
µs
tBXBL
Vstby Off Detection to Vstbyon
Output Low
(Note 1)
20
µs
Vstbyon Timing (5 V ± 10%)
-70
-90
Symbol
Parameter
Conditions
Min
Max
Min
Max
Unit
tLVDV
ALE Access Time from
Power Down
80
90
ns
Maximum Delay from APD Enable
Using CLKIN Input
15
* tCLCL (µs) (Note 1)
µs
tCLWH
to Internal PDN Valid Signal
Power Down Timing (5 V ± 10%)
NOTE: 1. RESET will not abort Flash programming/erase cycles.
2. RESET will abort Flash programming or erase cycle.
NOTE: 1. Vstbyon is measured at VCC ramp rate of 2 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com