Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD4235F1-12UI Datasheet(PDF) 33 Page - STMicroelectronics

Part # PSD4235F1-12UI
Description  Flash In-System-Programmable Peripherals for 16-Bit MCUs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235F1-12UI Datasheet(HTML) 33 Page - STMicroelectronics

Back Button PSD4235F1-12UI Datasheet HTML 29Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 30Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 31Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 32Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 33Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 34Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 35Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 36Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 93 page
background image
PSD4000 Series
Preliminary Information
30
The
PSD4000
Functional
Blocks
(cont.)
9.1.5 Memory ID Registers
The 8-bit read only memory status registers are included in the CSIOP space. The user
can determine the memory configuration of the PSD device by reading the Memory ID0
and Memory ID1 registers. The content of the registers are defined as follow:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
S_size 3
S_size 2
S_size 1
S_size 0
F_size 3
F_size 2
F_size 1
F_size 0
Memory_ID0 Register
Main Flash Size
F_size3
F_size2
F_size1
F_size0
(Bit)
0
0
0
0
none
0
0
0
1
256K
0
0
1
0
512K
0
011
1M
0
100
2M
0
101
4M
0
110
8M
Bit Definition
SRAM Size
S_size3
S_size2
S_size1
S_size0
(Bit)
0
0
0
0
none
0
001
16K
0
010
32K
0
011
64K
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
**
B_type 1
B_type 0
B_size 3
B_size 2
B_size 1
B_size 0
Memory_ID1 Register
*Not used bit should be set to zero.
Boot Block Size
B_size3
B_size2
B_size1
B_size0
(Bit)
0
0
0
0
none
0
0
0
1
128K
0
0
1
0
256K
0
0
1
1
512K
Bit Definition
B_type1
B_type0
Boot Block Type
0
0
Flash
0
1
EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com