Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD4235F1-12UI Datasheet(PDF) 8 Page - STMicroelectronics

Part # PSD4235F1-12UI
Description  Flash In-System-Programmable Peripherals for 16-Bit MCUs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235F1-12UI Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PSD4235F1-12UI Datasheet HTML 4Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 5Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 6Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 7Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 8Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 9Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 10Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 11Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 93 page
background image
Preliminary Information
PSD4000 Series
5
PSD4000 devices contain several major functional blocks. Figure 1 on page 3 shows the
architecture of the PSD4000 device family. The functions of each block are described
briefly in the following sections. Many of the blocks perform multiple functions and are user
configurable.
4.1 Memory
The PSD4000 contains the following memories:
• 4 Mbit Flash
• A secondary 256 Kbit Flash memory for boot or data
• 64 Kbit SRAM.
Each of the memories is briefly discussed in the following paragraphs. A more detailed
discussion can be found in section 9.
The 4 Mbit Flash is the main memory of the PSD4000. It is divided into eight equally-sized
sectors that are individually selectable.
The 256 Kbit secondary Flash memory is divided into four equally-sized sectors. Each
sector is individually selectable.
The 64 Kbit SRAM is intended for use as a scratchpad memory or as an extension to the
microcontroller SRAM. If an external battery is connected to the PSD4000’s Vstby pin, data
will be retained in the event of a power failure.
Each block of memory can be located in a different address space as defined by the user.
The access times for all memory types includes the address latching and DPLD decoding
time.
4.2 PLDs
The device contains two PLD blocks, each optimized for a different function, as shown in
Table 2. The functional partitioning of the PLDs reduces power consumption, optimizes
cost/performance, and eases design entry.
The Decode PLD (DPLD) is used to decode addresses and generate chip selects for
the PSD4000 internal memory and registers. The General Purpose PLD (GPLD) can
implement user-defined external chip selects and logic functions. The PLDs receive their
inputs from the PLD Input Bus and are differentiated by their output destinations, number
of Product Terms.
The PLDs consume minimal power by using Zero-Power design techniques. The speed
and power consumption of the PLD is controlled by the Turbo Bit in the PMMR0 register
and other bits in the PMMR2 registers. These registers are set by the microcontroller at
runtime. There is a slight penalty to PLD propagation time when invoking the non-Turbo
bit.
4.3 I/O Ports
The PSD4000 has 52 I/O pins divided among seven ports (Port A, B, C, D, E, F and G).
Each I/O pin can be individually configured for different functions. Ports can be configured
as standard MCU I/O ports, PLD I/O, or latched address outputs for microcontrollers using
multiplexed address/data busses.
The JTAG pins can be enabled on Port E for In-System Programming (ISP). Ports F and
G can also be configured as a data port for a non-multiplexed bus.
4.4 Microcontroller Bus Interface
The PSD4000 easily interfaces with most 16-bit microcontrollers that have either
multiplexed or non-multiplexed address/data busses. The device is configured to respond
to the microcontroller’s control signals, which are also used as inputs to the PLDs. Section
9.3.5 contains microcontroller interface examples.
4.0
PSD4000
Architectural
Overview
Name
Abbreviation
Inputs
Outputs
Product Terms
Decode PLD
DPLD
66
14
40
General PLD
GPLD
66
24
136
Table 2. PLD I/O Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com