Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD4235F1-12UI Datasheet(PDF) 28 Page - STMicroelectronics

Part # PSD4235F1-12UI
Description  Flash In-System-Programmable Peripherals for 16-Bit MCUs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235F1-12UI Datasheet(HTML) 28 Page - STMicroelectronics

Back Button PSD4235F1-12UI Datasheet HTML 24Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 25Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 26Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 27Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 28Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 29Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 30Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 31Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 93 page
background image
Preliminary Information
PSD4000 Series
25
The
PSD4000
Functional
Blocks
(cont.)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Sec7_Prot
Sec6_Prot
Sec5_Prot
Sec4_Prot
Sec3_Prot
Sec2_Prot
Sec1_Prot Sec0_Prot
Flash Protection Register
9.1.1.9.2 Reset Instruction
The Reset instruction consists of one write cycle (see Table 8). It can also be optionally
preceded by the standard two write decoding cycles (writing AAh to AAAh and 55h to
554h).
The Reset instruction must be executed after:
1. Reading the Flash Protection status or Flash ID using the Flash instruction.
2. When an error condition occurs (DQ5 (DQ13) goes high) during a Flash programming
or erase cycle.
The Reset instruction will reset the Flash to normal Read Mode immediately. However, if
there is an error condition (DQ5 (DQ13) goes high), the Flash memory will return to the
Read Mode in 25 µSeconds after the Reset instruction is issued.
The Reset instruction is ignored when it is issued during a Flash programming or Bulk
Erase cycle. The Reset instruction will abort the on going sector erase cycle and return the
Flash memory to normal Read Mode in 25 µSeconds.
9.1.1.9.3 Reset Pin Input
The reset pulse input from the pin will abort any operation in progress and reset the Flash
memory to Read Mode. When the reset occurs during a programming or erase cycle, the
Flash memory will take up to 25 µSeconds to return to Read Mode. It is recommended that
the reset pulse (except power on reset, see Reset Section) be at least 25 µSeconds such
that the Flash memory will always be ready for the MCU to fetch the boot code after reset
is over.
Bit Definitions:
Sec<i>_Prot
1 = Main Flash Sector <i> is write protected.
Sec<i>_Prot
0 = Main Flash Sector <i> is not write protected.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Security_
***
Sec3_Prot
Sec2_Prot
Sec1_Prot Sec0_Prot
Bit
Flash Boot Protection Register
Bit Definitions:
Sec<i>_Prot
1 = Flash Boot Sector <i> is write protected.
Sec<i>_Prot
0 = Flash Boot Sector <i> is not write protected.
Security_Bit
0 = Security Bit in device has not been set.
1 = Security Bit in device has been set.
Table 10. Sector Protection/Security Bit Definition
*: Not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com