Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD4235F1-12UI Datasheet(PDF) 79 Page - STMicroelectronics

Part # PSD4235F1-12UI
Description  Flash In-System-Programmable Peripherals for 16-Bit MCUs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235F1-12UI Datasheet(HTML) 79 Page - STMicroelectronics

Back Button PSD4235F1-12UI Datasheet HTML 75Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 76Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 77Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 78Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 79Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 80Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 81Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 82Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 93 page
background image
PSD4000 Series
Preliminary Information
76
-90
-12
Slew
TURBO
Rate
Symbol
Parameter
Conditions
Min
Max
Min
Max
OFF
(Note 1)
Unit
tPD
PLD Input Pin/Feedback to
38
43
Add 20
Sub 6
ns
PLD Combinatorial Output
tARD
PLD Array Delay
23
27
ns
PLD Combinatorial Timing (3.0 V to 3.6 V Versions)
NOTE: 1. Fast Slew Rate output available on Port C and F.
-90
-12
Symbol
Parameter
Conditions
Min
Max
Min
Max
Unit
tLVLX
ALE or AS Pulse Width
22
24
tAVLX
Address Setup Time
(Note 1)
7
9
ns
tLXAX
Address Hold Time
(Note 1)
8
10
ns
tAVWL
Address Valid to Leading
Edge of WR
(Notes 1 and 3)
15
18
ns
t SLWL
CS Valid to Leading Edge of WR
(Note 3)
15
18
ns
t DVWH
WR Data Setup Time
(Note 3)
40
45
ns
t WHDX
WR Data Hold Time
(Note 3)
5
8
ns
t WLWH
WR Pulse Width
(Note 3)
40
45
ns
tWHAX1
Trailing Edge of WR to Address Invalid
(Note 3)
8
10
ns
tWHAX2
Trailing Edge of WR to DPLD Address
(Notes 3 and 4)
0
0
ns
Input Invalid
tWHPV
Trailing Edge of WR to Port Output
Valid Using I/O Port Data Register
(Note 3)
33
33
ns
tAVPV
Address Input Valid to Address
(Note 2)
30
35
ns
Output Delay
Write Timing (3.0 V to 3.6 V Versions)
NOTES: 1. Any input used to select an internal PSD4000 function.
2. In multiplexed mode, latched addresses generated from ADIO delay to address output on any Port.
3. WR timing has the same timing as E, DS, LDS, UDS, WRL, and WRH signals.
4. tWHAX2 is Address hold time for DPLD inputs that are used to generate chip selects for internal PSD memory.
Microcontroller Interface – PSD4000 AC/DC Parameters
(3.0 V to 3.6 V Versions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com