Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD4235F1-12UI Datasheet(PDF) 27 Page - STMicroelectronics

Part # PSD4235F1-12UI
Description  Flash In-System-Programmable Peripherals for 16-Bit MCUs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235F1-12UI Datasheet(HTML) 27 Page - STMicroelectronics

Back Button PSD4235F1-12UI Datasheet HTML 23Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 24Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 25Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 26Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 27Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 28Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 29Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 30Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 93 page
background image
PSD4000 Series
Preliminary Information
24
The
PSD4000
Functional
Blocks
(cont.)
9.1.1.8.3 Flash Erase Suspend Instruction
When a Flash Sector Erase operation is in progress, the Erase Suspend instruction will
suspend the operation by writing 0B0h to any even address when an appropriate Chip
Select (FSi or CSBOOTi) is true. (See Table 8). This allows reading of data from another
Flash sector after the Erase operation has been suspended. Erase suspend is accepted
only during the Flash Sector Erase instruction execution and defaults to read array
mode. An Erase Suspend instruction executed during an Erase timeout will, in addition to
suspending the erase, terminate the time out.
The Toggle Bit DQ6 stops toggling when the PSD4000 internal logic is suspended. The
toggle Bit status must be monitored at an address within the Flash sector being erased.
The Toggle Bit will stop toggling between 0.1 µs and 15 µs after the Erase Suspend
instruction has been executed. The PSD4000 will then automatically be set to Read Flash
Block Memory Array mode.
If an Erase Suspend instruction was executed, the following rules apply:
• Attempting to read from a Flash sector that was being erased will output invalid data.
• Reading from a Flash sector that was not being erased is valid.
• The Flash memory cannot be programmed, and will only respond to Erase Resume
and Reset instructions (read is an operation and is OK).
• If a Reset instruction is received, data in the Flash sector that was being erased will
be invalid.
9.1.1.8.4 Flash Erase Resume Instruction
If an Erase Suspend instruction was previously executed, the erase operation may be
resumed by this instruction. The Erase Resume instruction consists of writing 030h to any
even address while an appropriate Chip Select (FSi or CSBOOTi) is true. (See Table 8.)
9.1.1.9 Specific Features
9.1.1.9.1 Main Flash and Secondary Flash Sector Protect
Each sector of Main Flash and Secondary Flash memory can be separately protected
against Program and Erase functions. Sector Protection provides additional data
security because it disables all program or erase operations. This mode can be activated
(or deactivated) through the JTAG-ISP Port or a Device Programmer.
Sector protection can be selected for each sector using the PSDsoft program. This will
automatically protect selected sectors when the device is programmed through the JTAG
Port or a Device Programmer. Flash sectors can be unprotected to allow updating of their
contents using the JTAG Port or a Device Programmer. The microcontroller can read (but
cannot change) the sector protection bits.
Any attempt to program or erase a protected Flash sector will be ignored by the device.
The Verify operation will result in a read of the protected data. This allows a guarantee of
the retention of the Protection status.
The sector protection status can either be read by the MCU through the Flash protection
and secondary Flash protection registers (CSIOP), or use the Read Sector Protection
instruction (Table 8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com