Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3524 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3524
Description  Adjustable TFT Bias Supply with WLED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3524 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3524 Datasheet HTML 3Page - Linear Technology LTC3524 Datasheet HTML 4Page - Linear Technology LTC3524 Datasheet HTML 5Page - Linear Technology LTC3524 Datasheet HTML 6Page - Linear Technology LTC3524 Datasheet HTML 7Page - Linear Technology LTC3524 Datasheet HTML 8Page - Linear Technology LTC3524 Datasheet HTML 9Page - Linear Technology LTC3524 Datasheet HTML 10Page - Linear Technology LTC3524 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3524
7
3524f
LCD BIAS PIN FUNCTIONS
FBN (Pin 13): Feedback Pin for the VN Charge-Pump
Output. Reference voltage is 1.0V. Connect the resistive
divider tap between VOUT and VN here with minimum
trace area.
VN
RV
R
See Block Diagram
OUT
=
−−
()
+
61
5
1(
)
FBH (Pin 14): Feedback Pin for the VH Charge-Pump
Output. Reference voltage is 1.225V. Connect resistive
divider tap here with minimum trace area.
VH
R
R
See Block Diagram
=+
⎝⎜
⎠⎟
1 225 1
3
4
.(
)
VH (Pin 15): Charge Pump Quadrupler Output. This output
can be regulated to 4X VOUT and is capable of delivering
up to 2mA to a load. VH should be bypassed to GND with
a 0.47μF X5R type ceramic capacitor. Connect V2x to
VOUT for applications requiring a regulated voltage less
than 2X VOUT.
CH+ (Pin 16):
Charge Pump Quadrupler Flying Capacitor
Positive Node. The charge pump quadrupler (4X) flying
capacitor is connected between CH+ and CH. The voltage
on CH+ will alternate between V2x and VH at an approximate
50% duty cycle while the charge pump is operating. Use
a 0.1μF X5R type ceramic capacitor for best results.
CH(Pin 17):
Charge Pump Quadrupler (4X) Flying Ca-
pacitor Negative Node. The voltage on CHwill alternate
between GND and V2x at an approximate 50% duty cycle
while the charge pump is operating. Use a 0.1μF X5R type
ceramic capacitor for best results.
WHITE LED DRIVER PIN FUNCTIONS
LED2 (Pin 18): Output for Second LED String. Connect
up to five white LEDs between LED2 (anode) and GND
(cathode). For best current matching and efficiency use
the same number of white LEDs in both strings.
LED1 (Pin 19): Output for First LED String.
VLED (Pin 20): Output of the LED Switcher. Bypass VLED
with a low ESR, ESL ceramic capacitor (X5R type) of at
least 1μF. Keep PCB trace lengths as short and wide as
possible to minimize EMI and voltage overshoot.
SW2 (Pin 21): White LED Boost Switch. Connect a 3.3-
15μH inductor between SW2 and VIN. This is the collector
of the internal NPN power switch. Connect an external
Schottky diode between SW2 and VLED. Keep PCB trace
lengths as short and wide as possible to minimize EMI
and voltage overshoot.
ELED2 (Pin 22): Enable and PWM Dimming Control Input
for the LED2 String. The LED2 string is disabled when this
pin is grounded. Digital dimming can be implemented
by driving the ELED2 pin between 0V and >1.2V at low
frequency (ie., 500Hz). Driving ELCD, ELED1, and ELED2
low initiates shutdown mode which disables all IC func-
tions and reduces quiescent current from the battery to
less than 2μA.
PROG (Pin 23): A single resistor (RPROG) between
PROG and GND sets the current in the LED strings. LED
current in mA is programmed by:
ILED
ILED
R
mA
PROG
12
2106
==
×
⎝⎜
⎠⎟
A 100K resistor programs 20mA in each string. Analog
dimming can be implemented by connecting a second
resistor between PROG and a control voltage.
ELED1 (Pin 24): Enable and Pulse Dimming Control Input
for the LED1 String. For applications with five or fewer
LEDs, better efficiency is achieved by operating a single
LED string. For example, ELED1 = 1, ELED2 = 0, LED2 left
open circuit and the LED string connected to LED1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com