Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3524 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3524
Description  Adjustable TFT Bias Supply with WLED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3524 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3524 Datasheet HTML 8Page - Linear Technology LTC3524 Datasheet HTML 9Page - Linear Technology LTC3524 Datasheet HTML 10Page - Linear Technology LTC3524 Datasheet HTML 11Page - Linear Technology LTC3524 Datasheet HTML 12Page - Linear Technology LTC3524 Datasheet HTML 13Page - Linear Technology LTC3524 Datasheet HTML 14Page - Linear Technology LTC3524 Datasheet HTML 15Page - Linear Technology LTC3524 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC3524
14
3524f
TYPICAL APPLICATIONS
Li-Ion to +5V, 25mA, +16V, 1mA, –13V, 1mA TFT LCD Power Supply + 10 White LEDs
VOUT OR LED STRING CURRENT (mA)
5
60
70
80
90
100
10
15
20
25
3524 TA02b
4.2
3.6
3.1
4.2
3.1
LCD (VIN)
LED (VIN)
3.6
0.1
μF
0.47
μF
–13V, 1mA
10
μF
0.1
μF
3524 TA02a
VIN
VOUT
V2x
VOUT
FBVO
V2x
C2+
C2
VH
REQUIRED
FOR LCD BIAS
SEQUENCING
WHEN |VN| > V2X
+5V, 25mA
+10V
+16V, 1mA
VLED
LED2
LED1
PROG
ELED2
ELED1
ELCD
VNIN
VN
FBN
FBH
CN+
CH
CH+
GND
100k FOR 20mA
287k
1M
VH
324k
165k
10
μF
0.47
μF
1M
0.47
μF
2M
0.47
μF
0.1
μF
LTC3524
4.7
μH
10
μH
SW2
VIN
SW1
Li-Ion
+
2.2
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com