Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3524 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3524
Description  Adjustable TFT Bias Supply with WLED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3524 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3524 Datasheet HTML 8Page - Linear Technology LTC3524 Datasheet HTML 9Page - Linear Technology LTC3524 Datasheet HTML 10Page - Linear Technology LTC3524 Datasheet HTML 11Page - Linear Technology LTC3524 Datasheet HTML 12Page - Linear Technology LTC3524 Datasheet HTML 13Page - Linear Technology LTC3524 Datasheet HTML 14Page - Linear Technology LTC3524 Datasheet HTML 15Page - Linear Technology LTC3524 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC3524
16
3524f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 0208 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT1942
Quad DC/DC Converter for Triple Output TFT Supply Plus
LED Driver
VIN: 2.6V to 16V, VOUT(MAX) = 36V, IQ = 7mA, ISD = < 1μA,
4mm × 4mm QFN-24 Package
LT1947
3MHz, 30V Adjustable Output TFT-LCD
VIN: 2.7V to 8V, VOUT(MAX) = 30V, IQ = 9.5mA, ISD = < 1μA,
MSOP-10 Package
LTC3450
Triple Switching Regulator
VIN: 1.5V to 4.6V, VOUT(MAX) = 15V, IQ = 75μA, ISD = < 1μA,
3mm × 3mm QFN-16 Package
LT3465/LT3465A
Constant-Current, 1.2MHz/2.7MHz High Efficiency White
LED Boost Regulator with Integrated Schottky Diode
VIN: 2.7V to 16V, VOUT(MAX) = 34V, IQ = 1.9mA, ISD = < 1μA,
ThinSOT
TM Package
LT3466/LT3466-1
Dual Constant-Current, 2MHz, High Efficiency White LED
Boost Regulator with Integrated Schottky Diode
VIN: 2.7V to 24V, VOUT(MAX) = 40V, IQ = 5mA, ISD = < 16μA,
3mm × 3mm DFN-10 Package
LT3471
Dual Output, Boost/Inverter, 1.3A ISW, 1.2MHZ, High
Efficiency Boost-Inverting DC/DC Converter
VIN: 2.4V to 16V, VOUT(MAX) = ±40V, IQ = 2.5mA, ISD = < 1μA,
3mm × 3mm DFN-10 Package
LT3491
Constant-Current, 2.3MHz, High Efficiency White LED Boost
Regulator with Integrated Schottky Diode
VIN: 2.5V to 12V, VOUT(MAX) = 27V, IQ = 2.6mA, ISD = < 8μA,
2mm × 2mm DFN-6 SC70 Package
LT3494/LT3494A
40V, 180mA/350mA Micropower Low Noise Boost Converter
with Output Disconnect
VIN: 2.3V to 16V, VOUT(MAX) = 40V, IQ = 65μA, ISD = < 1μA,
3mm × 2mm DFN-8 Package
LT3497
Constant-Current, 2.3MHz, Dual High Efficiency White LED
Boost Regulator with Integrated Schottky Diode for 12 LEDs
VIN: 2.5V to 10V, VOUT(MAX) = 32V, IQ = 6mA, ISD = < 12μA,
3mm × 2mm DFN-10 Package
LT3591
Constant-Current, 1MHz, High Efficiency White LED Boost
Regulator with Integrated Schottky Diode
VIN: 2.5V to 12V, VOUT(MAX) = 40V, IQ = 4mA, ISD = < 9μA,
3mm × 2mm DFN-8 Package
ThinSOT is a trademark of Linear Technology Corporation.
3NiMH or NiCD to +3.3V, 25mA, +10V, 1mA, –5V, 1mA TFT LCD Power Supply + 6 White LEDs
0.1
μF
PHILIPS
PMEG3005
10
μF
0.1
μF
3524 TA03a
V2x
VIN
VOUT
FBVO
V2x
C2+
C2
VH
3 NiMH
OR NiCD
VLED
LED2
LED1
PROG
ELED2
ELED1
ELCD
VNIN
VN
FBN
FBH
CN+
CH
CH+
GND
+
301k
165k
10
μF
510k
0.47
μF
2M
0.47
μF
0.1
μF
LTC3524
VOUT
232k
– 5V, 1mA
+10V, 1mA
+3.3V, 25mA
+6.6V
604k
0.47
μF
COILCRAFT
MSS4020 SERIES
100k FOR 20mA
4.7
μH
10
μH
SW2
VIN
SW1
2.2
μF
5
50
60
70
80
90
100
10
15
20
25
3524 TA03b
VOUT OR LED STRING CURRENT (mA)
3.1V
2.5V
2.5V
3.6V
LCD (VIN)
LED (VIN)
3.1V
3.6V
LCD (VIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com