Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3524 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3524
Description  Adjustable TFT Bias Supply with WLED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3524 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3524 Datasheet HTML 8Page - Linear Technology LTC3524 Datasheet HTML 9Page - Linear Technology LTC3524 Datasheet HTML 10Page - Linear Technology LTC3524 Datasheet HTML 11Page - Linear Technology LTC3524 Datasheet HTML 12Page - Linear Technology LTC3524 Datasheet HTML 13Page - Linear Technology LTC3524 Datasheet HTML 14Page - Linear Technology LTC3524 Datasheet HTML 15Page - Linear Technology LTC3524 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC3524
12
3524f
APPLICATIONS INFORMATION
Inductor Selection
3.3μH to 15μH inductors are recommended for use with
the LTC3524’s two boost converters. The synchronous
LCD bias boost inductor should have a saturation current
(ISAT) rating of at least 150mA, where the nonsynchronous
white LED boost inductor should have a rating of at least
600mA. In most applications, the inductor value for the
LCD bias will be larger (10μH to 15μH) to prevent opera-
tion in deep discontinuous mode. The inductor value for
the white LED can be smaller (3.3μH to 6.8μH), since it
operates at higher currents. Ferrite core materials are
strongly recommended for their superior high frequency
performance characteristics. Inductors meeting these
requirements are listed in Table 1. The maximum current
and DCR ranges in the table correspond to the respec-
tive Inductance range (for example, the 3.3μH inductor
Table 1. Recommended Inductors
PART
L
(μH)
MAXIMUM
CURRENT
(mA)
DCR (Ω)
DIMENSIONS
(mm)
(L × W × H)
MANUFACTURER
ME3220
LP03010
MSS4020
3.3-15
3.3-10
3.3-15
1300-700
950-570
1100-440
0.14-0.52
0.2-0.52
0.09-0.33
3.2 × 2.5 × 2.0
3.0 × 3.0 × 1.0
4.0 × 4.0 × 2.0
Coil Craft
www.coilcraft.com
SD3112
3.3-15
970-405
0.16-0.65
3.1 × 3.1 × 1.2
Cooper
www.cooperet.com
MIP3226D
3-10
1000-200
0.1-0.16
3.2 × 2.6 × 1.0
FDK
www.fdk.com
LQH32CN
LQH2MC
4.7-15
4.7-15
650-300
300-200
0.15-0.58
0.8-1.6
3.2 × 2.5 × 1.5
2 × 1.6 × 0.9
Murata
www.murata.com
CDRH3D16
CDRH2D14
3.3-15
3.3-12
1100-520
820-420
0.09-0.41
0.12-0.32
3.8 × 3.8 × 1.8
3.2 × 3.2 × 1.5
Sumida
www.sumida.com
NR3010
NR3015
3.3-15
3.3-15
750-400
1200-560
0.16-0.74
0.1-0.36
3.0 × 3.0 × 1.0
3.0 × 3.0 × 1.5
Taiyo Yuden
www.t-yuden.com
will have the highest maximum current and lowest DCR).
Shielded inductor series parts are in bold text.
The VIN input capacitor should be an X5R type of at least
2.2μF using a low impedance connection to the battery.
The VLED output capacitor should be X5R type and at least
1μF for analog dimming and 4.7μF for PWM dimming.
The VOUT capacitor should also be an X5R type between
2.2μF and 10μF. A larger capacitor (10μF) should be used
if lower output ripple is desired or the output load required
is close to the 25mA maximum.
The charge pumps require flying capacitors (C2+ to C2–,
CN+, and CH+ to CH–) that should be at least 0.1μF to obtain
specified performance. Ceramic X5R types are strongly
recommended for their low ESR and ESL and capacitance
vs bias voltage stability. The filter capacitors on V2x, VN,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com